Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1396A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1396A
Description  High Performance Resonant Mode Controller featuring High-Voltage Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1396A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1396A_10 Datasheet HTML 2Page - ON Semiconductor NCP1396A_10 Datasheet HTML 3Page - ON Semiconductor NCP1396A_10 Datasheet HTML 4Page - ON Semiconductor NCP1396A_10 Datasheet HTML 5Page - ON Semiconductor NCP1396A_10 Datasheet HTML 6Page - ON Semiconductor NCP1396A_10 Datasheet HTML 7Page - ON Semiconductor NCP1396A_10 Datasheet HTML 8Page - ON Semiconductor NCP1396A_10 Datasheet HTML 9Page - ON Semiconductor NCP1396A_10 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NCP1396A, NCP1396B
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For typical values TJ =25C, for min/max values TJ =--40C to +125C, Max TJ = 150C, VCC = 12 V, unless otherwise noted.)
TIMERS
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Timer charge current
3
Itimer
--
160
--
mA
Timer duration with a 1 mF capacitor anda1MΩ resistor
3
T--timer
--
25
--
ms
Timer recurrence in permanent fault, same values as above
3
T--timerR
--
1.4
--
s
Voltage at which pin 3 stops output pulses
3
VtimerON
3.5
4
4.4
V
Voltage at which pin 3 re--starts output pulses
3
VtimerOFF
0.9
1
1.1
V
Soft--start ending voltage
1
VSS
--
2
--
V
Soft--start charge current
0C< TJ < +125C
--40C< TJ < +125C
1
ISS
80
75
110
110
125
130
mA
Soft--start duration with a 100 nF capacitor (Note 3)
1
T--SS
--
1.8
--
ms
PROTECTION
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Reference voltage for fast input (Note 4)
8--9
VrefFaultF
1.00
1.05
1.10
V
Hysteresis for fast input (Note 4)
8--9
HysteFaultF
--
80
--
mV
Reference voltage for slow input
0C< TJ < +125C
--40C< TJ < +125C
8--9
VrefFaultS
0.95
0.92
1.00
1.00
1.05
1.05
V
Hysteresis for slow input
8--9
HysteFaultS
--
60
--
mV
Propagation delay for fast fault input drive shutdown
8
TpFault
--
55
90
ns
Brown--Out input bias current
5
IBObias
--
0.02
--
mA
Brown--Out level (Note 4)
5
VBO
0.99
1.04
1.09
V
Hysteresis current, Vpin5 > VBO – A version
0C< TJ < +125C
--40C< TJ < +125C
5
IBO_A
21.5
19
26.5
26.5
31.5
33
mA
Hysteresis current, Vpin5 > VBO – B version
0C< TJ < +125C
--40C< TJ < +125C
5
IBO_B
86
80
106
106
126
132
mA
Latching voltage
5
Vlatch
3.6
4
4.4
V
Temperature shutdown
--
TSD
140
--
--
C
Hysteresis
--
TSDhyste
--
30
--
C
3. The A version does not activate soft--start (unless the feedback pin voltage is below 0.6 V) when the fast--fault is released, this is for skip cycle
implementation. The B version does activate the soft--start upon release of the fast--fault input for any feedback conditions.
4. Guaranteed by design


Similar Part No. - NCP1396A_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1396ADR2G ONSEMI-NCP1396ADR2G Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
More results

Similar Description - NCP1396A_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396D ONSEMI-NCP1396D Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
NCP1396A ONSEMI-NCP1396A Datasheet
441Kb / 27P
   High Performance Resonant Mode Controller featuring High?뭭oltage Drivers
February, 2007 ??Rev. P0
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com