Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21094S Datasheet(PDF) 6 Page - International Rectifier

Part # IR21094S
Description  HALF-BRIDGE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21094S Datasheet(HTML) 6 Page - International Rectifier

  IR21094S Datasheet HTML 1Page - International Rectifier IR21094S Datasheet HTML 2Page - International Rectifier IR21094S Datasheet HTML 3Page - International Rectifier IR21094S Datasheet HTML 4Page - International Rectifier IR21094S Datasheet HTML 5Page - International Rectifier IR21094S Datasheet HTML 6Page - International Rectifier IR21094S Datasheet HTML 7Page - International Rectifier IR21094S Datasheet HTML 8Page - International Rectifier IR21094S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IR2109(4) (S)
6
www.irf.com
14 Lead PDIP
14 Lead SOIC
IR21094
IR21094S
Lead Assignments
8 Lead PDIP
8 Lead SOIC
1
2
3
4
8
7
6
5
VCC
IN
SD
COM
VB
HO
VS
LO
1
2
3
4
8
7
6
5
VCC
IN
SD
COM
VB
HO
VS
LO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
IN
SD
DT
VSS
COM
LO
VB
HO
VS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
IN
SD
DT
VSS
COM
LO
VB
HO
VS
Lead Definitions
Symbol Description
IN
Logic input for high and low side gate driver outputs (HO and LO), in phase with HO (referenced to COM
for IR2109 and VSS for IR21094)
SD
Logic input for shutdown (referenced to COM for IR2109 and VSS for IR21094)
DT
Programmable dead-time lead, referenced to VSS. (IR21094 only)
VSS
Logic Ground (21094 only)
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
IR2109
IR2109S


Similar Part No. - IR21094S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR21094S INFINEON-IR21094S Datasheet
357Kb / 25P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
More results

Similar Description - IR21094S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com