Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC3825NR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MW7IC3825NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC3825NR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MW7IC3825NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MW7IC3825NR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
RF Device Data
Freescale Semiconductor
MW7IC3825NR1 MW7IC3825GNR1 MW7IC3825NBR1
f = 3600 MHz
f = 3400 MHz
Zo =50 Ω
Zload
f = 3600 MHz
f = 3400 MHz
Zsource
VDD =28 Vdc,IDQ1 = 130 mA, IDQ2 = 230 mA, Pout =5 WAvg.
f
MHz
Zsource
Zload
3400
31.82 -- j19.29
4.58 -- j7.62
3425
32.86 -- j19.70
4.42 -- j7.33
3450
33.95 -- j20.93
4.22 -- j7.20
3475
35.11 -- j22.97
4.13 -- j7.22
3500
36.33 -- j25.82
4.13 -- j7.26
3525
37.61 -- j29.49
4.07 -- j7.20
3550
38.95 -- j33.97
3.81 -- j6.99
3575
40.35 -- j39.26
3.48 -- j6.77
3600
41.81 -- j45.37
3.21 -- j6.72
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 16. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under Test
Output
Matching
Network


Similar Part No. - MW7IC3825NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC3825NR1 NXP-MW7IC3825NR1 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2010
More results

Similar Description - MW7IC3825NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com