Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC2725GNR1 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MW7IC2725GNR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2725GNR1 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MW7IC2725GNR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW7IC2725GNR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MW7IC2725NR1 MW7IC2725GNR1 MW7IC2725NBR1
9
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
3400
-5
25
1800
-50
0
S21
f, FREQUENCY (MHz)
Figure 12. Broadband Frequency Response
S11
-10
19
-20
13
-30
7
-40
1
2800
2600
2400
2200
2000
VDD = 28 Vdc
IDQ1 = 77 mA, IDQ2 = 275 mA
3000
3200
Figure 13. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD = 28 Vdc, Pout = 4 W Avg., and PAE = 17%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
108
104
110
130
150
170
190
210
230
2nd Stage
1st Stage
107
106
105
WIMAX TEST SIGNAL
10
0.0001
100
0
PEAK-T O-A VERAGE (dB)
Figure 14. OFDM 802.16d Test Signal
10
1
0.1
0.01
0.001
24
6
8
Input Signal
OFDM 802.16d, 64 QAM 3/4, 4 Bursts
10 MHz Channel Bandwidth, Input Signal
PAR = 9.5 dB @ 0.01% Probability
on CCDF
-60
-10
-20
-30
-40
-50
-70
-80
-90
10 MHz
Channel BW
20
515
10
0
-5
-10
-20
f, FREQUENCY (MHz)
Figure 15. WiMAX Spectrum Mask Specifications
-15
ACPR in 1 MHz
Integrated BW
ACPR in 1 MHz
Integrated BW


Similar Part No. - MW7IC2725GNR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2725GNR1 FREESCALE-MW7IC2725GNR1 Datasheet
814Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725GNR1 FREESCALE-MW7IC2725GNR1 Datasheet
814Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2725GNR1 NXP-MW7IC2725GNR1 Datasheet
1Mb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 1/2010
More results

Similar Description - MW7IC2725GNR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com