Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC930NBR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MW7IC930NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC930NBR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MW7IC930NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC930NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
RF Device Data
Freescale Semiconductor
MW7IC930NR1 MW7IC930GNR1 MW7IC930NBR1
TYPICAL CHARACTERISTICS — 900 MHz
800
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 4. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 3.2 Watts Avg.
--26
--18
--20
--22
--24
33.5
38.5
38
37.5
--50
20
18
16
14
--40
--42
--44
--46
37
36.5
36
35.5
35
34.5
34
825
850
875
900
925
950
975
1000
12
--48
--28
PARC
--1.5
0.5
0
--0.5
--1
--2
Figure 5. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 25 W (PEP), IDQ1 = 106 mA
IDQ2 = 285 mA, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
Figure 6. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--3
--5
5
0
--2
--4
2
814
10
46
40
34
28
22
16
11
ACPR
--50
--26
--30
--34
--42
--38
--46
37.5
37
36.5
36
35.5
35
34.5
Gps
PAE
Probability on CCDF
IDQ2 = 285 mA, Single--Carrier W--CDMA
VDD =28 Vdc,Pout =3.2 W(Avg.), IDQ1 = 106 mA
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01%
PAE
--1 dB = 6.41 W
--2 dB = 8.98 W
--3 dB = 12.17 W
PARC
VDD =28 Vdc
IDQ1 = 106 mA
IDQ2 = 285 mA
f = 940 MHz
Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF


Similar Part No. - MW7IC930NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC930NBR1 FREESCALE-MW7IC930NBR1 Datasheet
675Kb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC930NBR1 NXP-MW7IC930NBR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 10/2010
More results

Similar Description - MW7IC930NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com