Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW6IC1940NBR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MW6IC1940NBR1
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6IC1940NBR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MW6IC1940NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW6IC1940NBR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
RF Device Data
Freescale Semiconductor
MW6IC1940NBR1
TYPICAL CHARACTERISTICS
100
20
32
1
0
60
VDD =28 Vdc
IDQ1 = 200 mA, IDQ2 = 440 mA
f = 1960 MHz
10
30
28
26
24
22
50
40
30
20
10
Pout, OUTPUT POWER (WATTS) CW
Figure 15. Power Gain and Power Added
Efficiency versus Output Power
PAE
Gps
TC =--30_C
25_C
85_C
--30_C
25_C
85_C
Pout, OUTPUT POWER (WATTS) CW
Figure 16. Power Gain versus Output Power
IDQ1 = 200 mA
IDQ2 = 440 mA
f = 1960 MHz
VDD =24 V
80
20
30
0
26
24
28
22
20
40
50
10
30
28 V
32 V
60
70
3000
--30
30
1000
--20
10
S21
f, FREQUENCY (MHz)
Figure 17. Broadband Frequency Response
S11
20
5
10
0
--5
0
--10
--10
--15
2500
2000
1500
VDD =28 Vdc
Pout =23 dBm CW
IDQ1 = 200 mA
IDQ2 = 440 mA
--20
2000
22
34
1800
TC =--30_C
25_C
85_C
32
30
28
26
24
1840
1880
1920
f, FREQUENCY (MHz)
Figure 18. Power Gain versus Frequency
VDD =28 Vdc,Pout =4.5 WAvg.
IDQ1 = 200 mA, IDQ2 = 440 mA
Two--Tone Measurements
1960
250
1010
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 19. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD =28 Vdc,Pout = 4.5 W Avg., and PAE = 13.5%.
MTTF calculator available at http://www.freescale.com/rf. Select
Tools/Software/Application Software/Calculators to access the MTTF
calculators by product.
108
107
106
110
130
150
170
190
210
230
1st Stage
2nd Stage
109


Similar Part No. - MW6IC1940NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6IC1940N-1 FREESCALE-MW6IC1940N-1 Datasheet
852Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MW6IC1940NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com