Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR040-0700-35F8-10100EW Datasheet(PDF) 4 Page - Cree, Inc

Part # LMR040-0700-35F8-10100EW
Description  Cree LED Module LMR4 with EasyWhite??Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMR040-0700-35F8-10100EW Datasheet(HTML) 4 Page - Cree, Inc

  LMR040-0700-35F8-10100EW Datasheet HTML 1Page - Cree, Inc LMR040-0700-35F8-10100EW Datasheet HTML 2Page - Cree, Inc LMR040-0700-35F8-10100EW Datasheet HTML 3Page - Cree, Inc LMR040-0700-35F8-10100EW Datasheet HTML 4Page - Cree, Inc LMR040-0700-35F8-10100EW Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CLM-DS03-LMR4-EZW Rev 0
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com/modules
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochange
withoutnotice.Cree,theCreelogoandTrueWhiteareregisteredtrademarksandEasyWhiteisa
trademarkofCree,Inc.
Chromaticity
TheCreeLEDModuleLMR4provideshighcolorconsistencyaroundthespecifiedcolortemperature.IndividualLEDs
aretestedandmatchedinordertomeetthedesignedchromaticityspecification,definedbythefollowingbounding
coordinates.
Cree EasyWhite Color Temperatures Plotted on the 1931 CIE Curve
EasyWhite Color Temperatures – 4-Step
Code
CCT
x
y
40F
4000K
0.3744
0.3685
0.3782
0.3837
0.3912
0.3917
0.3863
0.3758
35F
3500K
0.3981
0.3800
0.4040
0.3966
0.4186
0.4037
0.4116
0.3865
30F
3000K
0.4242
0.3919
0.4322
0.4096
0.4449
0.4141
0.4359
0.3960
27F
2700K
0.4586
0.4203
0.4684
0.4164
0.4569
0.4000
0.4473
0.4037
2700K
3000K
3500K
4000K
4500K
40F
35F
30F
27F
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI C78.377 Quadrangle
LMR4 EasyWhite Color Temperature


Similar Part No. - LMR040-0700-35F8-10100EW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR040-0700-35F9-10100TW CREE-LMR040-0700-35F9-10100TW Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
More results

Similar Description - LMR040-0700-35F8-10100EW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMH6 CREE-LMH6 Datasheet
772Kb / 5P
   LED Module with Cree TrueWhite Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2_15 Datasheet
87Kb / 2P
   Cree EasyWhite color temp from 2700K to 5000K
logo
Cree, Inc
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com