Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR040-0700-27F9-20100TW Datasheet(PDF) 1 Page - Cree, Inc

Part # LMR040-0700-27F9-20100TW
Description  Cree LED Module LMR4 with TrueWhite Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMR040-0700-27F9-20100TW Datasheet(HTML) 1 Page - Cree, Inc

  LMR040-0700-27F9-20100TW Datasheet HTML 1Page - Cree, Inc LMR040-0700-27F9-20100TW Datasheet HTML 2Page - Cree, Inc LMR040-0700-27F9-20100TW Datasheet HTML 3Page - Cree, Inc LMR040-0700-27F9-20100TW Datasheet HTML 4Page - Cree, Inc LMR040-0700-27F9-20100TW Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com/modules
Cree TrueWhite technology:
A better way to generate white light that utilizes a patented mixture of unsaturated yellow and saturated red
LEDs.
Proprietary optical system utilizes a unique combination of reflective and refractive optical components to
achieve a uniform, comfortable appearance. Pixelation and direct view of LEDs is eliminated.
Technology benefit - high CRI and efficacy allows customers to avoid having to make tradeoffs between energy
efficiency and light quality as compared to other lighting alternatives.
Marketing benefit - Cree logo on lens enables brand marketing value on final design.
FEATURES
Cree TrueWhite technology
Comprehensive solution with driver electronics, optics and core thermals
700 lm @ 2700 K CCT
Supports dimming to 5%
Designed to last at least 35,000 hours at L70
Versatile form factor
Cree IES LM-80 data in support of U. S. DOE ENERGY STAR® qualification
The LMR4 (120 V) is UL-recognized and California Title 24-compliant,
and the LMR4 (230 V) complies with multiple international standards
Cree LED Module LMR4
with TrueWhite® Technology
A fast, proven way to realize the promise of LED Lighting
Data Sheet
Cree LED Modules provide a simple solution for lighting designers and manufacturers to adopt best in class LED
lighting from Cree. The LMR series continues Cree’s history of innovation in LEDs for lighting applications and
provides a comprehensive solution including Cree’s patented TrueWhite Technology to achieve an industry-leading
combination of light quality and efficacy. This versatile LED lighting module allows design flexibility with the
beautiful color and efficacy of Cree TrueWhite technology.
The Cree LED Module LMR4 with TrueWhite Technology is the ideal choice for lighting applications where high CRI
and efficacy are required, such as restaurants, retail and hospitality lighting. The compact module form factor is a
benefit to lighting manufacturers seeking a simple solution to adopt LED lighting or cost-effectively expand their
existing LED-lighting product portfolio.


Similar Part No. - LMR040-0700-27F9-20100TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
More results

Similar Description - LMR040-0700-27F9-20100TW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMH6 CREE-LMH6 Datasheet
772Kb / 5P
   LED Module with Cree TrueWhite Technology
LMR040-0700-40F8-10100EW CREE-LMR040-0700-40F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
LMR4 CREE-LMR4 Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
LMR2 CREE-LMR2 Datasheet
513Kb / 5P
   Cree짰 LED Module LMR2 with Cree TrueWhite짰 Technology
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
CP41A-RDS CREE-CP41A-RDS Datasheet
925Kb / 10P
   Cree P4 LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
   Cree 5mm Round LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com