Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640HV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640HV
Description  Precision High Voltage Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640HV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP8640HV Datasheet HTML 1Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 2Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 3Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 4Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 5Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 6Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 7Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 8Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate (Note 8, Note 9)
V
CM =5V, CL = 30 pF, RL = 1MΩ,
LMP8640-T LMP8640HV-T V
SENSE =200mVpp,
LMP8640-F LMP8640HV-F V
SENSE =80mVpp,
LMP8640-H LMP8640HV-H V
SENSE =40mVpp,
1.6
V/µs
R
IN
Differential Mode Input Impedance
(Note 9)
5
k
I
S
Supply Current
V
CM = 2.1V
500
722
922
µA
V
CM = −2V
2050
2500
2750
V
OUT
Maximum Output Voltage
V
CM = 2.1V
4.95
V
Minimum Output Voltage
LMP8640-T LMP8640HV-T
V
CM = 2.1V
18.2
mV
LMP8640-F LMP8640HV-F
V
CM = 2.1V
40
LMP8640-H LMP8640HV-H
V
CM = 2.1V
80
C
LOAD
Max Output Capacitance Load
(Note 9)
30
pF
12V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for at T
A = 25°C, VS=V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 12V, V= 0V, −2V < V
CM <
76V, R
L = 10MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 2.1V
-900
-1160
900
1160
µV
TCV
OS
Input Offset Voltage Drift
(Note 7, Note 9)
V
CM = 2.1V
2.6
μV/°C
I
B
Input Bias Current (Note 10)
V
CM = 2.1V
13
22
28
μA
e
ni
Input Voltage Noise (Note 9)
f > 10 kHz
117
nV/
Gain A
V
Fixed Gain LMP8640-T
LMP8640HV-T
20
V/V
Fixed Gain LMP8640-F
LMP8640HV-F
50
V/V
Fixed Gain LMP8640-H
LMP8640HV-H
100
V/V
Gain error
V
CM = 2.1V
-0.25
-0.51
0.25
0.51
%
Accuracy over temperature
(Note 9)
−40°C to 125°C, V
CM=2.1V
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
V
CM = 2.1V, 2.7V < V
+ < 12V,
85
dB
CMRR
Common Mode Rejection Ratio
LMP8640HV 2.1V < V
CM < 42V
LMP8640 2.1V < V
CM< 42V
103
dB
LMP8640HV 2.1V < V
CM < 76V
95
-2V <V
CM < 2V,
60
www.national.com
4


Similar Part No. - LMP8640HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8640HVMK-F TI1-LMP8640HVMK-F Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HVMK-F/NOPB TI1-LMP8640HVMK-F/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com