Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFE6S9160HSR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRFE6S9160HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6S9160HSR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRFE6S9160HSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRFE6S9160HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RF Device Data
Freescale Semiconductor
MRFE6S9160HR3 MRFE6S9160HSR3
TYPICAL CHARACTERISTICS
0
−5
−10
−15
−20
980
820
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance
@ Pout = 35 Watts Avg.
960
940
920
900
880
860
−65
33
27
−40
−50
−55
ηD
VDD = 28 Vdc, Pout = 35 W (Avg.)
IDQ = 1200 mA, N−CDMA IS−95
Pilot, Sync, Paging, Traffic Codes 8
Through 13
−60
−45
30
21
20
18
16
15
13
14
17
19
ALT1
980
820
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance
@ Pout = 70 Watts Avg.
960
940
920
900
880
860
840
−70
50
40
−30
−50
−60
ηD
−40
35
45
20
18
16
14
12
13
15
17
19
ALT1
Figure 5. Two-Tone Power Gain versus
Output Power
100
16
22
1
IDQ = 1800 mA
1500 mA
Pout, OUTPUT POWER (WATTS) PEP
21
19
17
10
400
600 mA
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements, 100 kHz Tone Spacing
900 mA
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−20
1
IDQ = 600 mA
Pout, OUTPUT POWER (WATTS) PEP
100
−30
−40
−50
−70
10
−10
900 mA
1800 mA
400
1500 mA
VDD = 28 Vdc, f1 = 880 MHz, f2 = 880.1 MHz
Two−Tone Measurements, 1 kHz Tone Spacing
20
18
1200 mA
−60
1200 mA
840
VDD = 28 Vdc, Pout = 70 W (Avg.)
IDQ = 1200 mA, N−CDMA IS−95 Pilot
Sync, Paging, Traffic Codes 8 Through 13
0
−5
−10
−15
−20


Similar Part No. - MRFE6S9160HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6S9125NBR1 FREESCALE-MRFE6S9125NBR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3 Datasheet
417Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3 Datasheet
419Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRFE6S9130HR3 FREESCALE-MRFE6S9130HR3_08 Datasheet
419Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRFE6S9160HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com