Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFE6S9046NR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRFE6S9046NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6S9046NR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRFE6S9046NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRFE6S9046NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
RF Device Data
Freescale Semiconductor
MRFE6S9046NR1 MRFE6S9046GNR1
TYPICAL CHARACTERISTICS
10
−70
−10
−20
−30
−50
0.1
100
−40
920
IRL
Gps
f, FREQUENCY (MHz)
Figure 4. Power Gain, Input Return Loss and Drain
Efficiency versus Frequency @ Pout = 35.5 Watts CW
−28
−16
−19
−22
−25
18.6
19.6
48
58
57
56
55
53
52
51
50
925
930
935
940
945
950
955
960
54
49
−31
VDD = 28 Vdc, Pout = 35.5 W CW, IDQ = 300 mA
920
IRL
Gps
f, FREQUENCY (MHz)
Figure 5. Power Gain, Input Return Loss, EVM and Drain
Efficiency versus Frequency @ Pout = 17.8 Watts Avg.
−35
−15
−20
−25
−30
18.5
19.5
1
42
41
40
39
6
5
4
3
925
930
935
940
945
950
955
960
38
2
−40
VDD = 28 Vdc, Pout = 17.8 W (Avg.)
IDQ = 285 mA, EDGE Modulation
Pout, OUTPUT POWER (WATTS) CW
15
21
1
IDQ = 450 mA
VDD = 28 Vdc
f = 940 MHz
20
18
17
10
100
Figure 6. Power Gain versus Output Power
19
375 mA
TWO−TONE SPACING (MHz)
Figure 7. Intermodulation Distortion Products
versus Two-Tone Spacing
EVM
IM3−U
IM3−L
IM5−U
IM5−L
IM7−L
IM7−U
VDD = 28 Vdc, Pout = 44 W (PEP), IDQ = 300 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
ηD
ηD
18.7
19.5
19.4
19.3
19
18.9
18.8
19.2
19.1
19.4
19.3
19.2
19.1
19
18.9
18.8
18.7
18.6
16
300 mA
225 mA
150 mA
−60
1


Similar Part No. - MRFE6S9046NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6S9045NR1 FREESCALE-MRFE6S9045NR1 Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
More results

Similar Description - MRFE6S9046NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com