Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF184SR1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF184SR1
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF184SR1 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF184SR1 Datasheet HTML 1Page - Motorola, Inc MRF184SR1 Datasheet HTML 2Page - Motorola, Inc MRF184SR1 Datasheet HTML 3Page - Motorola, Inc MRF184SR1 Datasheet HTML 4Page - Motorola, Inc MRF184SR1 Datasheet HTML 5Page - Motorola, Inc MRF184SR1 Datasheet HTML 6Page - Motorola, Inc MRF184SR1 Datasheet HTML 7Page - Motorola, Inc MRF184SR1 Datasheet HTML 8Page - Motorola, Inc MRF184SR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Archived 2005
5
MRF184R1 MRF184SR1
MOTOROLA RF DEVICE DATA
60
30
0
-40
10
20
30
40
Pin, INPUT POWER (dBm)
FUNDAMENTAL
3rd ORDER
VDS = 26 Vdc
ID = 2.1 A
f1 = 945 MHz
f2 = 945.1 MHz
15
25
35
10
-30
50
20
40
-10
-20
Figure 14. Class A Third Order Intercept Point
Figure 15. Component Parts Layout
R1
R2
R3
L1
C1
C5
C6
C7
C8
C11
C4
R4
B1
C9
C2
C3
TL1
TL2
TL3
TL4
C10
C12
C13
MRF184
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MRF184SR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184S MOTOROLA-MRF184S Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results

Similar Description - MRF184SR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com