Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S18120HR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF8S18120HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S18120HR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF8S18120HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MRF8S18120HR3 MRF8S18120HSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed for GSM and GSM EDGE base station applications with frequen-
cies from 1805 to 1880 MHz. Can be used in Class AB and Class C for all
typical cellular base station modulation formats.
• Typical GSM Performance: VDD =28 Volts,IDQ = 800 mA, Pout =
72 Watts CW
Frequency
Gps
(dB)
ηD
(%)
1805 MHz
18.2
49.8
1840 MHz
18.6
51.4
1880 MHz
18.7
53.9
• Capable of Handling 7:1 VSWR, @ 32 Vdc, 1840 MHz, 150 Watts CW
Output Power (3 dB Input Overdrive from Rated Pout)
• Typical Pout @ 1 dB Compression Point
≃ 120 Watts CW
• Typical GSM EDGE Performance: VDD =28 Volts,IDQ = 800 mA, Pout =
46 Watts Avg.
Frequency
Gps
(dB)
ηD
(%)
SR1
@ 400 kHz
(dBc)
SR2
@ 600 kHz
(dBc)
EVM
(% rms)
1805 MHz
17.9
41.0
--64
--76
1.6
1840 MHz
18.2
41.9
--63
--76
1.7
1880 MHz
18.3
43.2
--61
--76
2.0
Features
• Characterized with Series Equivalent Large--Signal Impedance Parameters
and Common Source S--Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• Optimized for Doherty Applications
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
Document Number: MRF8S18120H
Rev. 1, 10/2010
Freescale Semiconductor
Technical Data
1805--1880 MHz, 72 W CW, 28 V
GSM, GSM EDGE
LATERAL N--CHANNEL
RF POWER MOSFETs
MRF8S18120HR3
MRF8S18120HSR3
CASE 465--06, STYLE 1
NI--780
MRF8S18120HR3
CASE 465A--06, STYLE 1
NI--780S
MRF8S18120HSR3
© Freescale Semiconductor, Inc., 2009--2010. All rights reserved.


Similar Part No. - MRF8S18120HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18120HR3 FREESCALE-MRF8S18120HR3 Datasheet
288Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF8S18120HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com