Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S38075HSR3 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF7S38075HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S38075HSR3 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF7S38075HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF7S38075HSR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF7S38075HR3 MRF7S38075HSR3
TYPICAL CHARACTERISTICS
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 12. MTTF versus Junction Temperature
This above graph displays calculated MTTF in hours when the device
is operated at VDD = 30 Vdc, Pout = 12 W Avg., and ηD = 14%.
MTTF calculator available at http:/www.freescale.com/rf. Select Tools/
Software/Application Software/Calculators to access the MTTF calcu−
lators by product.
107
106
105
110
130
150
170
190
210
230
108
WiMAX TEST SIGNAL
10
0.0001
100
0
PEAK −TO −AVERAGE (dB)
Figure 13. OFDM 802.16d Test Signal
10
1
0.1
0.01
0.001
24
68
Input Signal
Compressed Output
Signal @ 12 W Avg. Pout
802.16d, 64 QAM 3
/4, 4 Bursts, 7 MHz
Channel Bandwidth, Input Signal
PAR = 9.5 dB @ 0.01% Probability
on CCDF
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
−100
7 MHz
Channel BW
7.2
1.8
5.4
3.6
0
−1.8
−3.6
−5.4
−9
9
f, FREQUENCY (MHz)
Figure 14. WiMAX Spectrum Mask Specifications
−7.2
Point C
Point C
System Type G
Point B
Point B
Point D
Point D


Similar Part No. - MRF7S38075HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S38010H FREESCALE-MRF7S38010H Datasheet
525Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38010HR3 FREESCALE-MRF7S38010HR3 Datasheet
525Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38010HSR3 FREESCALE-MRF7S38010HSR3 Datasheet
525Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38040HR3 FREESCALE-MRF7S38040HR3 Datasheet
516Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S38040HSR3 FREESCALE-MRF7S38040HSR3 Datasheet
516Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S38075HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com