Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8568CVTAUJJA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8568CVTAUJJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8568CVTAUJJA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8568CVTAUJJA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8568CVTAUJJA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
4
Freescale Semiconductor
MPC8568E Overview
— Byte-accessible ECC uses read-modify-write transaction accesses for smaller-than-cache-line
accesses.
1.2.2
e500 Coherency Module (ECM) and Address Map
The e500 coherency module (ECM) provides a mechanism for I/O-initiated transactions to snoop the bus
between the e500 core and the integrated L2 cache in order to maintain coherency across local cacheable
memory. It also provides a flexible switch-type structure for core- and I/O-initiated transactions to be
routed or dispatched to target modules on the device.
The MPC8568E supports a flexible 36-bit physical address map. Conceptually, the address map consists of
local space and external address space. The local address map is supported by eight local access windows
that define mapping within the local 36-bit (64-Gbyte) address space.
The MPC8568E can be made part of a larger system address space through the mapping of translation
windows. This functionality is included in the address translation and mapping units (ATMUs). Both
inbound and outbound translation windows are provided. The ATMUs allows the MPC8568E to be part of
larger address maps such as the PCI or PCI Express 64-bit address environment and the RapidIO
environment.
1.2.3
QUICC Engine
Integrated 8-port L2 Ethernet switch
— 8 connection ports of 10/100 Mbps MII/RMII & one CPU internal port
— Each port supports four priority levels
— Priority levels used with VLAN tags or IP TOS field to implement QoS
— QoS types of traffic, such as voice, video, and data
Includes support for the following protocols:
— ATM SAR up to 622 Mbps (OC-12) full duplex, with ATM traffic shaping (ATF TM4.1) for
up to 64K ATM connections
— ATM AAL1 structured and unstructured Circuit Emulation Service (CES 2.0)
— IMA and ATM Transmission convergence sub-layer
— ATM OAM handling features compatible with ITU-T I.610
— PPP, Multi-Link (ML-PPP), Multi-Class (MC-PPP) and PPP mux in accordance with the
following RFCs: 1661, 1662, 1990, 2686 and 3153
— IP termination support for IPv4 and IPv6 packets including TOS, TTL and header checksum
processing
— ATM (AAL2/AAL5) to Ethernet (IP) interworking
— Extensive support for ATM statistics and Ethernet RMON/MIB statistics.
— 256 channels of HDLC/Transparent or 128 channels of SS#7
Includes support for the following serial interfaces:
— Two UL2/POS-PHY interfaces with 124 Multi-PHY addresses on UTOPIA interface each or
31 Multi-PHY addresses on the POS interface each.


Similar Part No. - MPC8568CVTAUJJA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560 NXP-MPC8560 Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JB NXP-MPC8560CPX667JB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JC NXP-MPC8560CPX667JC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LB NXP-MPC8560CPX667LB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results

Similar Description - MPC8568CVTAUJJA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com