Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S19100NR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF7S19100NR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S19100NR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF7S19100NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S19100NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor
MRF7S19100NR1 MRF7S19100NBR1
TYPICAL CHARACTERISTICS
2040
1880
1980
1940
1920
1960
1900
2020
2000
2040
1880
IRL
Gps
PARC
f, FREQUENCY (MHz)
Figure 3. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 29 Watts Avg.
VDD = 28 Vdc, Pout = 29 W (Avg.), IDQ = 1000 mA
Single−Carrier W−CDMA, 3.84 MHz Channel
Bandwidth, PAR = 7.5 dB @ 0.01% Probability (CCDF)
1980
1940
1920
11
19
18
17
16
15
14
13
12
−1.7
33
32
31
30
29
−1.4
−1.5
−1.6
ηD
−30
−10
−15
−20
−25
1960
IRL
Gps
f, FREQUENCY (MHz)
Figure 4. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 47 Watts Avg.
VDD = 28 Vdc, Pout = 47 W (Avg.), IDQ = 1000 mA
Single−Carrier W−CDMA, 3.84 MHz Channel
Bandwidth, PAR = 7.5 dB @ 0.01% Probability (CCDF)
11
19
18
17
16
15
14
13
12
−3.3
40
39
38
37
36
−3
−3.1
−3.2
ηD
−30
−10
−15
−20
−25
Figure 5. Two-Tone Power Gain versus
Output Power
100
15
20
1
IDQ = 1500 mA
1250 mA
Pout, OUTPUT POWER (WATTS) PEP
VDD = 28 Vdc, f1 = 1955 MHz, f2 = 1965 MHz
Two−Tone Measurements, 10 MHz Tone Spacing
500 mA
1000 mA
18
17
16
10
200
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−10
IDQ = 500 mA
Pout, OUTPUT POWER (WATTS) PEP
1250 mA
1000 mA
750 mA
1500 mA
10
−20
−30
−40
100
−60
−50
VDD = 28 Vdc, f1 = 1955 MHz, f2 = 1965 MHz
Two−Tone Measurements, 10 MHz Tone Spacing
1
PARC
19
750 mA
200
1900
2020
2000


Similar Part No. - MRF7S19100NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S19100NR1 FREESCALE-MRF7S19100NR1 Datasheet
533Kb / 15P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S19100NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com