Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8568VTAUGGA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8568VTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8568VTAUGGA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8568VTAUGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8568VTAUGGA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
8
Freescale Semiconductor
MPC8568E Overview
1.2.9
High Speed I/O Interfaces
The MPC8568E supports two high-speed I/O interface standards: serial RapidIO and PCI Express. It can
be configured as x1/x4 SRIO and 1x/2x/4x PCI Express simultaneously with the following limitation:
Both SRIO and PCI-Express are limited to use the same clock and are limited to 2.5G.
Spread spectrum clocking can not be used because SRIO doesn't support this (PCI-Express does
support it).
If x8 PCI Express is needed, then SRIO is not available due to the pin multiplex limitation.
1.2.10 Serial RapidIO
The serial RapidIO interface is based on the RapidIO Interconnect Specification, Revision 1.2. RapidIO is
a high-performance, point-to-point, low-pin-count, packet-switched system-level interconnect that can be
used in a variety of applications as an open standard. The RapidIO architecture has a rich variety of
features including high data bandwidth, low-latency capability, and support for high-performance I/O
devices, as well as support for message-passing and software-managed programming models. Key features
of the serial RapidIO interface unit include:
Support for RapidIO Interconnect Specification, Revision 1.2 (all transaction flows and priorities)
Both 1x and 4x LP-serial link interfaces, with transmission rates of 1.25, 2.5, and 3.125 Gbaud
(data rates of 1.0, 2.0, and 2.5 Gbps) per lane
Auto detection of 1x or 4x mode operation during port initialization
34-bit addressing and up to 256-byte data payload
Receiver-controlled flow control
Support for RapidIO error injection
The RapidIO messaging unit supports two inbox/outbox mailboxes (queues) for data and one doorbell
message structure. Both chaining and direct modes are provided for the outbox, and messages can hold up
to 16 packets of 256 bytes, or a total of 4 Kbytes.
1.2.11 PCI Express Interface
The MPC8568E supports a PCI Express interface compatible with the PCI Express Base Specification
Revision 1.0a. It is configurable at boot time to act as either root complex or endpoint.The physical layer
of the PCI Express interface operates at a 2.5-Gbaud data rate per lane.
Other features of the PCI Express interface include:
x8, x4, x2, and x1 link widths supported
Selectable operation as root complex or endpoint
Both 32- and 64-bit addressing and 256-byte maximum payload size
Full 64-bit decode with 32-bit wide windows


Similar Part No. - MPC8568VTAUGGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560 NXP-MPC8560 Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JB NXP-MPC8560CPX667JB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JC NXP-MPC8560CPX667JC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LB NXP-MPC8560CPX667LB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results

Similar Description - MPC8568VTAUGGA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com