Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF7S16150HR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF7S16150HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S16150HR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF7S16150HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF7S16150HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF7S16150HR3 MRF7S16150HSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
−70
−10
1
100
−40
−50
10
−30
−20
−60
7th Order
5th Order
3rd Order
400
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
TWO−TONE SPACING (MHz)
10
−60
0
IM3−U
−20
−30
−50
1
100
−40
IM3−L
IM5−U
IM5−L
IM7−L
IM7−U
−75
−15
−50
−55
−60
−70
−45
−65
Figure 9. WiMAX, ACPR, Power Gain and Drain
Efficiency versus Output Power
0
Pout, OUTPUT POWER (WATTS) CW
60
35
30
10
10
300
20
ACPR
ηD
40
25
15
Gps
VDD = 28 Vdc, IDQ = 1500 mA
f = 1630 MHz, 802.16d, 64 QAM 3
/4
4 Bursts, 7 MHz Channel
Bandwidth, Input Signal PAR = 9.5 dB
@ 0.01% Probability on CCDF
VDD = 28 Vdc, IDQ = 1500 mA
f1 = 1625 MHz, f2 = 1635 MHz
Two−Tone Measurements, 10 MHz Tone Spacing
VDD = 28 Vdc, Pout = 180 W (PEP), IDQ = 1500 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 1630 MHz
400
14
21
0
70
Pout, OUTPUT POWER (WATTS) CW
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
VDD = 28 Vdc
IDQ = 1500 mA
f = 1630 MHz
TC = −30_C
25
_C
−30
_C
85
_C
10
1
19
18
17
16
15
50
40
30
20
10
Gps
ηD
100
Figure 11. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
200
15
21
0
100
16
17
18
IDQ = 1500 mA
f = 1630 MHz
300
VDD = 24 V
28 V
−10
45
50
55
1
100
−40
−35
−30
−25
−20
20
60
25
_C
85
_C
19
20
32 V
5
TC = −30_C
25
_C
−30
_C
85
_C
−30
_C
85
_C
25
_C


Similar Part No. - MRF7S16150HR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF7S15100H NXP-MRF7S15100H Datasheet
282Kb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 6/2009
logo
Freescale Semiconductor...
MRF7S15100HR3 FREESCALE-MRF7S15100HR3 Datasheet
405Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MRF7S15100HR3 NXP-MRF7S15100HR3 Datasheet
282Kb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 6/2009
logo
Freescale Semiconductor...
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF7S16150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com