Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX-5F-QA Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # SMX-5F-QA
Description  Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

SMX-5F-QA Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  SMX-5F-QA Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMX-5F-QA
SMX-5F-QB
Low profile SMD Crystal
2002/95/EC RoHS compliant
03 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, audio, automotive, instruments
Pin compatible to several plastic moulded Crystals
High reliable, low cost crystal
Reflow soldering @ 260 °C
Parameter
Specification
Frequency range
3.5 ~ 40 MHzfundamental
32 ~ 70 MHz
3
rd overtone
Mode of oscillation
AT-cut
BT-cut on request
Standard frequencies
3.6864, 4.00, 5.00, 6.776, 8.00, 9.8304, 10.00, 11.0592
16.00, 18.432, 20.00, 24.00 & 48.00 MHz
Frequency tolerance
±10 ~ ± 50 ppm
@ +25 °C
Frequency stability
±10 ~ ±100 ppm
vs. operating temperature range
Aging
±2 ppm
1
st year
Load capacitance
series or parallel resonance (CL = 8 ~ 32 pF)
Equivalent series resistance (ESR)
< 75
Ω
3.6864 MHz
< 12
Ω
24.00 MHz
Drive level
100
μW
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
-40 ~ +125 °C
automotive application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
1’000 pieces
Customer specifications on request
Example for soldering pattern
SMX-5F-QA
Pin function
Do not design any conductive path between the pattern
SMX-5F-QB
Pin function
Example for IR reflow soldering temperature


Similar Part No. - SMX-5F-QA

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-5F-QA QUARTZCOM-SMX-5F-QA Datasheet
114Kb / 1P
   Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
More results

Similar Description - SMX-5F-QA

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
SMX-5S QUARTZCOM-SMX-5S Datasheet
114Kb / 1P
   Low profile SMD Crystal Pin compatible to several plastic moulded Crystals
logo
AEL Crystals Ltd
CM200 AEL-CM200 Datasheet
137Kb / 1P
   Plastic Moulded Watch Crystals
SXA-86SMX AEL-SXA-86SMX Datasheet
142Kb / 1P
   Plastic Moulded Crystal
logo
List of Unclassifed Man...
DTA32C1 ETC2-DTA32C1 Datasheet
45Kb / 1P
   4 Pin Plastic SMD Microprocessor Crystals
logo
Caliber Electronics Inc...
DTA32C1 CALIBER-DTA32C1 Datasheet
50Kb / 1P
   4 Pin Plastic SMD Microprocessor Crystals
logo
QUARTZCOM the communica...
SMX-206T QUARTZCOM-SMX-206T Datasheet
110Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
SMX-206L QUARTZCOM-SMX-206L Datasheet
112Kb / 1P
   Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
logo
Dubilier
DXT49410.000A20XXXX DUBILIER-DXT49410.000A20XXXX Datasheet
72Kb / 1P
   CRYSTALS LOW PROFILE CRYSTAL HOLDER & SMT DXT494/49SM
logo
Abracon Corporation
ABS15 ABRACON-ABS15 Datasheet
617Kb / 1P
   LOW PROFILE, 32.768kHz CRYSTALS MOLDED PLASTIC SURFACE MOUNT
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
   Low Profile SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com