Electronic Components Datasheet Search |
|
MPC8572EPXAVNB Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MPC8572EPXAVNB Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 140 page MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 Freescale Semiconductor 7 Overview – Up to 16 exact-match MAC addresses supported – Broadcast address (accept/reject) – Hash table match on up to 512 multicast addresses – Promiscuous mode — Buffer descriptors backward compatible with MPC8260 and MPC860T 10/100 Ethernet programming models — RMON statistics support — 10-Kbyte internal transmit and 2-Kbyte receive FIFOs — Two MII management interfaces for control and status — Ability to force allocation of header information and buffer descriptors into L2 cache • 10/100 Fast Ethernet controller (FEC) management interface — 10/100 Mbps full and half-duplex IEEE 802.3 MII for system management — Note: When enabled, the FEC occupies eTSEC3 and eTSEC4 parallel interface signals. In such a mode, eTSEC3 and eTSEC4 are only available through SGMII interfaces. • OCeaN switch fabric — Full crossbar packet switch — Reorders packets from a source based on priorities — Reorders packets to bypass blocked packets — Implements starvation avoidance algorithms — Supports packets with payloads of up to 256 bytes • Two integrated DMA controllers — Four DMA channels per controller — All channels accessible by the local masters — Extended DMA functions (advanced chaining and striding capability) — Misaligned transfer capability — Interrupt on completed segment, link, list, and error — Supports transfers to or from any local memory or I/O port — Selectable hardware-enforced coherency (snoop/no snoop) — Ability to start and flow control up to 4 (both Channel 0 and 1 for each DMA Controller) of the 8 total DMA channels from external 3-pin interface by the remote masters — The Channel 2 of DMA Controller 2 is only allowed to initiate and start a DMA transfer by the remote master, because only one of the 3-external pins (DMA2_DREQ[2]) is made available — Ability to launch DMA from single write transaction • Serial RapidIO interface unit — Supports RapidIO Interconnect Specification, Revision 1.2 — Both 1x and 4x LP-serial link interfaces — Long- and short-haul electricals with selectable pre-compensation — Transmission rates of 1.25, 2.5, and 3.125 Gbaud (data rates of 1.0, 2.0, and 2.5 Gbps) per lane |
Similar Part No. - MPC8572EPXAVNB |
|
Similar Description - MPC8572EPXAVNB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |