Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6V12250HSR3 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MRF6V12250HSR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V12250HSR3 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MRF6V12250HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF6V12250HSR3 Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MRF6V12250HR3 MRF6V12250HSR3
9
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 960--1215 MHz
16
26
50
20
70
100
50
40
Pout, OUTPUT POWER (WATTS) PULSED
Figure 14. Pulsed Power Gain and Drain Efficiency
versus Output Power
ηD
22
350
f = 1215 MHz
30
20
18
VDD =50 Vdc
IDQ = 100 mA
Pulse Width = 128 μsec
Duty Cycle = 10%
Gps
24
0
150
200
250
300
60
1150 MHz
1030 MHz
960 MHz
1215 MHz 1150 MHz
1030 MHz
960 MHz
Figure 15. Broadband Performance @ Pout = 250 Watts Peak
11
21
950
f, FREQUENCY (MHz)
15
13
975
17
1000 1025 1050 1075 1100 1125
1225
--20
68
64
60
0
--5
12
14
16
18
62
58
--10
--15
VDD =50 Vdc,IDQ = 100 mA, Pout = 250 W Peak (25 W Avg.)
Pulse Width = 128 μsec, Duty Cycle = 10%
Gps
ηD
IRL
19
20
66
1150 1175 1200


Similar Part No. - MRF6V12250HSR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF6V12250HSR3 NXP-MRF6V12250HSR3 Datasheet
1Mb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 4/2010
More results

Similar Description - MRF6V12250HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com