Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V580ME12 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # V580ME12
Description  Voltage-Controlled Oscillator Surface Mount Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V580ME12 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V580ME12 Datasheet HTML 1Page - Z-Communications, Inc V580ME12 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1 E+3
10 E+3
100 E+3
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
Page 1 of 2
FRM-S-002 B
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Performance Specifications
Typ
Units
Min
Max
32
-111
-20
3
5
125
50
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW)
Harmonic Suppression (2nd)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance
Pushing
Pulling (
dB Return Loss, Any Phase)
Operating Temperature Range
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
957
967
14
0.25
2.9
Package Style
-7
1
85
-40
-3
-18
Power Supply Requirements
Typ
Units
Min
Max
3.3
27
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc)
35
Basestations
Portable Radios
Mobile Communications
Applications
Voltage-Controlled Oscillator
Surface Mount Module
V580ME12
A1
Rev
Additional Notes
Application Notes
• AN-101: Mounting and Grounding
• AN-102: Output Loading
• AN-107: Manual Soldering
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
URL: www.zcomm.com
EMAIL: applications@zcomm.com
MINI-14S-L


Similar Part No. - V580ME12

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V580ME12 ZCOMM-V580ME12 Datasheet
98Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
V580ME12 ZCOMM-V580ME12 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator
More results

Similar Description - V580ME12

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V846ME01-LF ZCOMM-V846ME01-LF_10 Datasheet
83Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V805ME24 ZCOMM-V805ME24_10 Datasheet
88Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V602ME04 ZCOMM-V602ME04_10 Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SMV0285A ZCOMM-SMV0285A_10 Datasheet
74Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO5700Z1 ZCOMM-CRO5700Z1 Datasheet
99Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V585ME28-LF ZCOMM-V585ME28-LF_10 Datasheet
92Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
V613ME11-LF ZCOMM-V613ME11-LF_10 Datasheet
86Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO3412A-LF ZCOMM-CRO3412A-LF Datasheet
93Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO2236A-LF_B2 ZCOMM-CRO2236A-LF_B2 Datasheet
94Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO2367A-LF ZCOMM-CRO2367A-LF_10 Datasheet
91Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO2377A-LF ZCOMM-CRO2377A-LF_10 Datasheet
93Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com