Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC18 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC18
Description  High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC18 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC18 Datasheet HTML 1Page - Sanyo Semicon Device FC18 Datasheet HTML 2Page - Sanyo Semicon Device FC18 Datasheet HTML 3Page - Sanyo Semicon Device FC18 Datasheet HTML 4Page - Sanyo Semicon Device FC18 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52098HA (KT)/42695MO(KOTO) BX-1576 No.4983-1/5
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TR:NPN Epitaxial Planar Silicon Transistor
FET:N-Channel Junction Silicon FET
High-Frequency Amp, AM Amp,
Low-Frequency Amp Applications
Ordering number:EN4983
FC18
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
T
E
F
[
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
X
S
D
5
1V
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
t
a
GV
S
D
G
5
1
–V
t
n
e
r
r
u
C
e
t
a
GIG
0
1A
m
t
n
e
r
r
u
C
n
i
a
r
DID
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
0
0
2W
m
]
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
5V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5
1A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
3A
m
t
n
e
r
r
u
C
e
s
a
BIB
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
2W
m
]
s
g
n
i
t
a
R
n
o
m
m
o
C
[
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Package Dimensions
unit:mm
2122
[FC18]
1:Collector
2:Gate
3:Source
4:Emitter/Drain
5:Base
SANYO:XP5
Features
· Composed of 2 chips, one being equivalent to the
2SK2394 and the other the 2SC4639, in the
convertional CP package, improving the mounting
efficiency greatly.
· Drain and emitter are shared.
Electrical Connection
· Marking:18
Continued on next page.
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C


Similar Part No. - FC18

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FC1 COOPER-FC1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
   Screened Room Filters
logo
Allied Components Inter...
FC10 ALLIED-FC10 Datasheet
382Kb / 1P
   Ferrite Core Chip Inductors
logo
TE Connectivity Ltd
FC10 TEC-FC10 Datasheet
182Kb / 3P
   Single Phase Power Line Filter for Frequency Converters
logo
Allied Components Inter...
FC10-100K-RC ALLIED-FC10-100K-RC Datasheet
381Kb / 1P
   Ferrite Core Chip Inductors
More results

Similar Description - FC18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC12 SANYO-FC12 Datasheet
153Kb / 5P
   High-Frequency Amp, AM Applications, Low-Frequency Amp
FP201 SANYO-FP201 Datasheet
83Kb / 3P
   High-Frequency Amp, Differential Amp Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
   High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
   High-Frequency Amp, Differential Amp Applications
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
FC156 SANYO-FC156 Datasheet
133Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications?
FC157 SANYO-FC157 Datasheet
147Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications???
FH102 SANYO-FH102 Datasheet
66Kb / 5P
   High-Frequency Low-Noise Amp, Differential Amp Applications
2SA1669 SANYO-2SA1669 Datasheet
111Kb / 5P
   High-Frequency Amp Applications???
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
   High-Frequency Amp Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com