Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6S19100HR3 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF6S19100HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S19100HR3 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF6S19100HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6S19100HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6S19100HR3 MRF6S19100HSR3
PRODUCT DOCUMENTATION
Refer to the following documents to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
5
Dec. 2008
• Modified data sheet to reflect RF Test Reduction described in Product and Process Change Notification
number, PCN13232, p. 1, 2
• Removed Lower Thermal Resistance and Low Gold Plating bullets from Features section as functionality
is standard, p. 1
• Removed Total Device Dissipation from Max Ratings table as data was redundant (information already
provided in Thermal Characteristics table), p. 1
• Operating Junction Temperature increased from 200°C to 225°C in Maximum Ratings table, related
“Continuous use at maximum temperature will affect MTTF” footnote added, p. 1
• Corrected VDS to VDD in the RF test condition voltage callout for VGS(Q), and added “Measured in
Functional Test”, On Characteristics table, p. 2
• Removed Forward Transconductance from On Characteristics table as it no longer provided usable
information, p. 2
• Updated PCB information to show more specific material details, Fig. 1, Test Circuit Schematic, p. 3
• Updated Part Numbers in Table 5, Component Designations and Values, to RoHS compliant part numbers,
p. 3
• Removed lower voltage tests from Fig. 11, Power Gain versus Output Power, due to fixed tuned fixture
limitations, p. 6
• Replaced Fig. 12, MTTF versus Junction Temperature with updated graph. Removed Amps2 and listed
operating characteristics and location of MTTF calculator for device, p. 7
• Added Product Documentation and Revision History, p. 10


Similar Part No. - MRF6S19100HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19100HR3 FREESCALE-MRF6S19100HR3 Datasheet
413Kb / 12P
   RF Power Field Effect Transistors
MRF6S19100HR3 FREESCALE-MRF6S19100HR3 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19100HR3 FREESCALE-MRF6S19100HR3_06 Datasheet
427Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S19100HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com