Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6S18100NBR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF6S18100NBR1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S18100NBR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF6S18100NBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S18100NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MRF6S18100NR1 MRF6S18100NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS 1930-1990 MHz
f, FREQUENCY (MHz)
13
1900
20
Gps
VDD = 28 Vdc
IDQ = 900 mA
17
60
50
40
30
2020
IRL
Figure 3. Power Gain, Input Return Loss and Drain
Efficiency versus Frequency @ Pout = 100 Watts
−30
0
−10
−20
−40
16
15
14
ηD
1920
1940
1960
1980
2000
f, FREQUENCY (MHz)
13
1900
20
Gps
VDD = 28 Vdc
IDQ = 900 mA
17
60
50
40
30
2020
IRL
Figure 4. Power Gain, Input Return Loss and Drain
Efficiency versus Frequency @ Pout = 40 Watts
−30
0
−10
−20
−40
16
15
14
ηD
1920
1940
1960
1980
2000
Figure 5. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
VDD = 28 Vdc
f = 1960 MHz
1125 mA
IDQ = 1350 mA
10
11
1
16
14
13
12
100
15
900 mA
665 mA
450 mA
40
2
0
16
12
10
6
4
20
160
60
80
Figure 6. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 24 V
28 V
IDQ = 900 mA
f = 1960 MHz
32 V
14
8
100
120
140


Similar Part No. - MRF6S18100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S18100NBR1 FREESCALE-MRF6S18100NBR1 Datasheet
701Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S18100NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com