Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S9150HR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF5S9150HR3
Description  RF Power Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S9150HR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF5S9150HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF5S9150HR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF5S9150HR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 11. Power Gain and Drain Efficiency
versus CW Output Power
16
0
Pout, OUTPUT POWER (WATTS) CW
23
70
21
60
20
50
30
20
0.1
10
100
VDD = 28 Vdc
IDQ = 1500 mA
f = 880 MHz
Gps
22
10
TC = -30 _C
-30
_C
25
_C
85
_C
19
18
40
85
_C
Figure 12. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD = 12 V
16 V
250
16
21
0
200
50
100
150
19
IDQ = 1500 mA
f = 880 MHz
20 V
24 V
28 V
32 V
17
ηD
20
18
17
1
300
210
1010
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
108
107
90
110
130
150
170
190
100
120
140
160
180
200
109
Figure 13. MTTF Factor versus Junction Temperature


Similar Part No. - MRF5S9150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S9150HR3 FREESCALE-MRF5S9150HR3 Datasheet
531Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S9150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com