Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

165X15079X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X15079X
Description  D-SUB Plastic Hood IP67
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X15079X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X15079X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|36
Shellsize
A
B
C
Ø D
E
F
G
H
Cable Ø
1
40.76
25.00
SW 22
24.60
51.00
22.00
77.00
44.00
5 - 10
2
49.06
33.30
SW 24
26.50
51.00
22.00
79.00
52.00
6 - 12
3
62.80
47.04
SW 24
26.50
59.50
22.00
87.50
52.00
6 - 12
4
78.86
63.50
SW 33
36.20
67.00
22.00
99.00
52.00
9 - 16
5
76.46
61.10
SW 42
47.00
67.00
24.80
107.00
52.00
13 - 20
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Plastic Hood IP67
Straight cable entry – 9-50 pos.
Water resistant hood for Standard D-SUB and Combination
D-SUB Connectors
With large internal space for high power and coaxial contacts
Material:
- Plastic hood black: PBT + Glas filled, UL 94 V-0
- Plastic hood metallized: ABS, UL 94 V-0
Fastening:
- M3 or 4-40 UNC short screws stainless steel
- M3 or 4-40 UNC jack screws stainless steel
Bulk or single packaged units
Jack screw
Short screw
D-SUB Plastic hood – Black
No. of pos. Design
Part Number
09
Black housing M3 Jack screw
165 X 15119 X
15
Black housing M3 Jack screw
165 X 15129 X
25
Black housing M3 Jack screw
165 X 15139 X
37
Black housing M3 Jack screw
165 X 15149 X
50
Black housing M3 Jack screw
165 X 15159 X
09
Black housing 4-40 UNC Jack screw
165 X 14819 X
15
Black housing 4-40 UNC Jack screw
165 X 14829 X
25
Black housing 4-40 UNC Jack screw
165 X 14839 X
37
Black housing 4-40 UNC Jack screw
165 X 14849 X
50
Black housing 4-40 UNC Jack screw
165 X 14859 X
09
Black housing M3 Short screw
165 X 15169 X
15
Black housing M3 Short screw
165 X 15179 X
25
Black housing M3 Short screw
165 X 15189 X
37
Black housing M3 Short screw
165 X 15199 X
50
Black housing M3 Short screw
165 X 15209 X
09
Black housing 4-40 UNC Short screw
165 X 14869 X
15
Black housing 4-40 UNC Short screw
165 X 14879 X
25
Black housing 4-40 UNC Short screw
165 X 14889 X
37
Black housing 4-40 UNC Short screw
165 X 14899 X
50
Black housing 4-40 UNC Short screw
165 X 14909 X
D-SUB Plastic hood – Metallized
No. of pos. Design
Part Number
09
Metallized housing M3 Jack screw
165 X 15319 X
15
Metallized housing M3 Jack screw
165 X 15329 X
25
Metallized housing M3 Jack screw
165 X 15339 X
37
Metallized housing M3 Jack screw
165 X 15349 X
50
Metallized housing M3 Jack screw
165 X 15359 X
09
Metallized housing 4-40 UNC Jack screw
165 X 15019 X
15
Metallized housing 4-40 UNC Jack screw
165 X 15029 X
25
Metallized housing 4-40 UNC Jack screw
165 X 15039 X
37
Metallized housing 4-40 UNC Jack screw
165 X 15049 X
50
Metallized housing 4-40 UNC Jack screw
165 X 15059 X
09
Metallized housing M3 Short screw
165 X 15369 X
15
Metallized housing M3 Short screw
165 X 15379 X
25
Metallized housing M3 Short screw
165 X 15389 X
37
Metallized housing M3 Short screw
165 X 15399 X
50
Metallized housing M3 Short screw
165 X 15409 X
09
Metallized housing 4-40 UNC Short screw
165 X 15069 X
15
Metallized housing 4-40 UNC Short screw
165 X 15079 X
25
Metallized housing 4-40 UNC Short screw
165 X 15089 X
37
Metallized housing 4-40 UNC Short screw
165 X 15099 X
50
Metallized housing 4-40 UNC Short screw
165 X 15109 X
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X15079X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X10119X CONEC-165X10119X Datasheet
51Kb / 1P
   LOCK 3.4 FOR SLIDE LOCK
165X10139X CONEC-165X10139X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X10139X CONEC-165X10139X Datasheet
104Kb / 1P
   PLASTIC HOOD
165X10139XE CONEC-165X10139XE Datasheet
104Kb / 1P
   PLASTIC HOOD
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
   D-SUB Plastic Hood
More results

Similar Description - 165X15079X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
   D-SUB Plastic Hood
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com