Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

165X14649X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X14649X
Description  D-SUB Plastic Hood
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X14649X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X14649X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|16
No. of pos.
A
B
C
D
E
Ø F
Ø F1
G
H
K
L
09
32.90
25.00
39.50
41.80
16.30
11.00
5.00
60.00
24.50
11.20
11.20
15
41.20
33.30
45.50
47.80
16.30
11.00
5.00
60.00
24.50
11.20
11.20
25
54.90
47.00
52.50
54.80
16.30
12.00
7.00
70.00
27.50
12.20
15.00
37
71.40
63.50
55.50
57.80
18.70
15.00
7.00
70.00
27.50
12.20
15.00
50
69.00
61.10
55.00
57.80
19.50
14.00
9.30
70.00
29.20
15.00
20.00
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Plastic Hood
Straight cable entry – 9-50 pos.
Suitable for Combination D-SUB Connectors
Large internal space for crimp, high power and coaxial contacts
Material:
- Plastic hood black: Polyester, UL 94 V-0
- Plastic hood metallized: ABS, UL 94 V-0
Fastening:
- 4-40 UNC jack screw or M3
- 4-40 UNC short screw or M3
Bulk or single packaged units
Jack screw
Short screw
D-SUB Plastic hood black
No. of pos. Design
Part Number
09
Black housing 4-40 UNC Short screw
165 X 13369 X
15
Black housing 4-40 UNC Short screw
165 X 13379 X
25
Black housing 4-40 UNC Short screw
165 X 13389 X
37
Black housing 4-40 UNC Short screw
165 X 13399 X
50
Black housing 4-40 UNC Short screw
165 X 13409 X
09
Black housing M3 Short screw
165 X 14509 X
15
Black housing M3 Short screw
165 X 14519 X
25
Black housing M3 Short screw
165 X 14529 X
37
Black housing M3 Short screw
165 X 14539 X
50
Black housing M3 Short screw
165 X 14549 X
09
Black housing 4-40 UNC Jack screw
165 X 03309 A
15
Black housing 4-40 UNC Jack screw
165 X 03319 A
25
Black housing 4-40 UNC Jack screw
165 X 03329 A
37
Black housing 4-40 UNC Jack screw
165 X 03339 A
50
Black housing 4-40 UNC Jack screw
165 X 03349 A
09
Black housing M3 Jack screw
165 X 03359 A
15
Black housing M3 Jack screw
165 X 03369 A
25
Black housing M3 Jack screw
165 X 03379 A
37
Black housing M3 Jack screw
165 X 03389 A
50
Black housing M3 Jack screw
165 X 03399 A
D-SUB Plastic hood metallized
No. of pos. Design
Part Number
09
Metallized housing 4-40 UNC Short screw
165 X 13469 X
15
Metallized housing 4-40 UNC Short screw
165 X 13479 X
25
Metallized housing 4-40 UNC Short screw
165 X 13489 X
37
Metallized housing 4-40 UNC Short screw
165 X 13499 X
50
Metallized housing 4-40 UNC Short screw
165 X 13509 X
09
Metallized housing M3 Short screw
165 X 14609 X
15
Metallized housing M3 Short screw
165 X 14619 X
25
Metallized housing M3 Short screw
165 X 14629 X
37
Metallized housing M3 Short screw
165 X 14639 X
50
Metallized housing M3 Short screw
165 X 14649 X
Cable grommet
No. of pos. Design
Part Number
09 15
Cable grommet for 9 and 15 pos. hood
795-907600
25 37
Cable grommet for 25 and 37 pos. hood
795-907700
50
Cable grommet for 50 pos. hood
795-907800
Cable grommet
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X14649X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X14659X CONEC-165X14659X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X14669X CONEC-165X14669X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X14679X CONEC-165X14679X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X14689X CONEC-165X14689X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X14699X CONEC-165X14699X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
More results

Similar Description - 165X14649X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X11709X CONEC-165X11709X Datasheet
81Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X15119X CONEC-165X15119X Datasheet
77Kb / 1P
   D-SUB Plastic Hood IP67
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com