Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

165X11719X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 165X11719X
Description  D-SUB Plastic Hood
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

165X11719X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  165X11719X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS compliant – CSA listed, File No.: LR 115000-1 – UL listed, File No.: E202784
10|13
No. of pos.
A
B
C
D
Ø E
09
31.30
25.00
39.15
15.00
8.00
15
39.62
33.30
39.15
15.00
9.00
25
53.52
47.00
39.15
15.00
11.00
37
69.80
63.50
39.15
15.00
11.00
50
67.41
61.10
39.15
19.00
14.50
D-SUB Hoods and Accessories
Description
Order data
Product drawing
D-SUB Plastic Hood
Side cable entry – 9-50 pos. – With and without internal shielding
15-50 pos.
9 pos.
Material: Poylcarbonate Black or Grey + Glas filled
Design:
- without shielding
- with internal shielding
Fastening:
Metal jack screw with plastic head or full metal jack screws
Press-fit housing assembly
Attentuation factor at 10 MHz > 60dB (shielded version)
Bulk or single packaged units
D-SUB Plastic hood – Side cable entry - Unshielded
No. of pos. Design
Part Number
09
Black housing Metal jack screw Plastic head
165 X 11709 X
15
Black housing Metal jack screw Plastic head
165 X 11719 X
25
Black housing Metal jack screw Plastic head
165 X 11729 X
37
Black housing Metal jack screw Plastic head
165 X 11739 X
50
Black housing Metal jack screw Plastic head
165 X 11749 X
09
Black housing Full metal jack screw
165 X 00829 A
15
Black housing Full metal jack screw
165 X 00839 A
25
Black housing Full metal jack screw
165 X 00849 A
37
Black housing Full metal jack screw
165 X 00859 A
50
Black housing Full metal jack screw
165 X 00869 A
09
Grey housing Metal jack screw Plastic head
165 X 16019 X
15
Grey housing Metal jack screw Plastic head
165 X 16029 X
25
Grey housing Metal jack screw Plastic head
165 X 16039 X
37
Grey housing Metal jack screw Plastic head
165 X 16049 X
50
Grey housing Metal jack screw Plastic head
165 X 16059 X
09
Grey housing Full metal jack screw
165 X 16069 X
15
Grey housing Full metal jack screw
165 X 16079 X
25
Grey housing Full metal jack screw
165 X 16089 X
37
Grey housing Full metal jack screw
165 X 16099 X
50
Grey housing Full metal jack screw
165 X 16109 X
D-SUB Plastic hood – Side cable entry - Shielded
No. of pos. Design
Part Number
09
Black housing Metal jack screw Plastic head
165 X 11759 X
15
Black housing Metal jack screw Plastic head
165 X 11769 X
25
Black housing Metal jack screw Plastic head
165 X 11779 X
37
Black housing Metal jack screw Plastic head
165 X 11789 X
50
Black housing Metal jack screw Plastic head
165 X 11799 X
09
Black housing Full metal jack screw
165 X 00779 A
15
Black housing Full metal jack screw
165 X 00789 A
25
Black housing Full metal jack screw
165 X 00799 A
37
Black housing Full metal jack screw
165 X 00809 A
50
Black housing Full metal jack screw
165 X 00819 A
09
Grey housing Metal jack screw Plastic head
165 X 16119 X
15
Grey housing Metal jack screw Plastic head
165 X 16129 X
25
Grey housing Metal jack screw Plastic head
165 X 16139 X
37
Grey housing Metal jack screw Plastic head
165 X 16149 X
50
Grey housing Metal jack screw Plastic head
165 X 16159 X
09
Grey housing Full metal jack screw
165 X 16169 X
15
Grey housing Full metal jack screw
165 X 16179 X
25
Grey housing Full metal jack screw
165 X 16189 X
37
Grey housing Full metal jack screw
165 X 16199 X
50
Grey housing Full metal jack screw
165 X 16209 X
For single packaged add the letter „E“ at the end of the part number.


Similar Part No. - 165X11719X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11009X CONEC-165X11009X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11019X CONEC-165X11019X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11029X CONEC-165X11029X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11039X CONEC-165X11039X Datasheet
79Kb / 1P
   PLASTIC HOOD with staight cable exit and screw lock, 9-37 pos.
2002.04.03
165X11049X CONEC-165X11049X Datasheet
48Kb / 1P
   Plastic Hood with straight cable exif and screw lock, 50 pos.
2002.04.03.
More results

Similar Description - 165X11719X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11239X CONEC-165X11239X Datasheet
84Kb / 1P
   D-SUB Plastic Hood
165X10389X CONEC-165X10389X Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X13219X CONEC-165X13219X Datasheet
70Kb / 1P
   D-SUB Plastic Hood
165X13369X CONEC-165X13369X Datasheet
78Kb / 1P
   D-SUB Plastic Hood
165X13419X CONEC-165X13419X Datasheet
75Kb / 1P
   D-SUB Plastic Hood
165X13179X CONEC-165X13179X Datasheet
66Kb / 1P
   D-SUB Plastic Hood
165X14029X CONEC-165X14029X Datasheet
64Kb / 1P
   D-SUB Plastic Hood
165X10139X CONEC-165X10139X_1 Datasheet
73Kb / 1P
   D-SUB Plastic Hood
165X15119X CONEC-165X15119X Datasheet
77Kb / 1P
   D-SUB Plastic Hood IP67
logo
Adam Technologies, Inc.
DXXX-HD-PB-SN-TS ADAM-TECH-DXXX-HD-PB-SN-TS Datasheet
66Kb / 1P
   D-SUB HOOD COLOR BLACK PLASTIC SNAP TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com