Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10114-1024Q Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S10114-1024Q
Description  Current-output type sensors with variable integration time function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10114-1024Q Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S10114-1024Q Datasheet HTML 1Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 2Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 3Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 4Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 5Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 6Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 7Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 8Page - Hamamatsu Corporation S10114-1024Q Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CMOS linear image sensors
S10111 to S10114 series
Timing chart
KMPDC0249ED
Parameter
Symbol
Min.
Typ.
Max.
Unit
Start pulse (ST) interval
S1011*-128
tpi(ST)
130/f(CLK)
-
-
s
S1011*-256
258/f(CLK)
-
-
S1011*-512
514/f(CLK)
-
-
S1011*-1024
1026/f(CLK)
-
-
INT pulse rise and fall times
tr(INT), tf(INT)
0
20
30
ns
INT pulse - clock pulse timing
t(INT-CLK)
30
-
1 / [2 × f(CLK)]
ns
Clock pulse - INT pulse timing
t(CLK-INT)
30
-
1 / [2 × f(CLK)]
ns
Start pulse rise and fall times
tf(ST), tr(ST)
0
20
30
ns
Clock pulse duty ratio
-
40
50
60
%
Clock pulse rise and fall times
tf(CLK), tr(CLK)
0
20
30
ns
Clock pulse - start pulse timing
t(CLK-ST)
20
-
-
ns
Start pulse - clock pulse timing
T(ST-CLK)
20
-
-
ns
5
tf(CLK)
Allow CLK pulse transition from “high” to “low” only one time while ST pulse is “high”.
Integration time is determined by the interval between start pulses.
Only the switching noise component is output from the Dummy Video line.
Do not use the Dummy Video output during integration readout.
The INT signal is not needed between EOS and the rising edge of the next ST signal.
tpi(ST), integration time
CLK
Active Video
(available term)
EOS
1st
1st
2nd
3rd
4th
5th
2nd 3rd
Last pixel
tr(CLK)
CLK
ST
INT
INT
tf(ST)
tr(ST)
t(ST-CLK)
t(CLK-ST)
Active Video (available term)
ST
1/f(CLK)
t(INT-CLK)
tr(INT)
t(CLK-INT)
tf(INT)
INT should be "high" when not reading pixels.
Enlarged view
4th
1st 2nd 3rd 4th


Similar Part No. - S10114-1024Q

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
C&K Components
S1011SS03DQE CK-COMPONENTS-S1011SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results

Similar Description - S10114-1024Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
   High-precision driver circuit with variable integration time function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA001 AVAGO-ALM-GA001 Datasheet
827Kb / 18P
   Variable Current and Shutdown Function
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
   Time Delay Integration Camera
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Mean Well Enterprises C...
VFD-350C-230 MEANWELL-VFD-350C-230 Datasheet
432Kb / 9P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-200C-230 MEANWELL-VFD-200C-230 Datasheet
429Kb / 9P
   200W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-750C-230 MEANWELL-VFD-750C-230 Datasheet
456Kb / 9P
   750W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-250P-230 MEANWELL-VFD-250P-230 Datasheet
509Kb / 8P
   250W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-350P-230 MEANWELL-VFD-350P-230 Datasheet
1Mb / 8P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com