Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10112-128Q Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S10112-128Q
Description  Current-output type sensors with variable integration time function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10112-128Q Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S10112-128Q Datasheet HTML 3Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 4Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 5Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 6Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 7Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 8Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 9Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 10Page - Hamamatsu Corporation S10112-128Q Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CMOS linear image sensors
S10111 to S10114 series
S10111-512Q, S10114-1024Q
S10112-128Q, S10113-256Q
0.51 ± 0.05
25.4 ± 0.13
40.6 ± 0.3
12.8 ± 0.3
Active area
25.6 × 2.5
0.25
10.16 ± 0.25
2.54 ± 0.13
1 ch
Direction of scan
*1: Distance from upper surface of quartz
window to chip surface
*2: Distance from photosensitive surface
to bottom of package
*3: Window thickness
Photosensitive
surface
Index mark
22
111
12
0.51 ± 0.05
25.4 ± 0.13
2.54 ± 0.13
31.75 ± 0.3
3.2 ± 0.3
Active area
6.4 × 0.5
0.25
10.16 ± 0.25
1 ch
Direction of scan
*1: Distance from upper surface of quartz
window to chip surface
*2: Distance from photosensitive surface
to bottom of package
*3: Window thickness
Photosensitive
surface
Index mark
22
12
111
9
KMPDA0062EE
KMPDA0215EE


Similar Part No. - S10112-128Q

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
C&K Components
S1011SS03DQE CK-COMPONENTS-S1011SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results

Similar Description - S10112-128Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10808 HAMAMATSU-C10808_15 Datasheet
154Kb / 7P
   High-precision driver circuit with variable integration time function
logo
AVAGO TECHNOLOGIES LIMI...
ALM-GA001 AVAGO-ALM-GA001 Datasheet
827Kb / 18P
   Variable Current and Shutdown Function
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
   Time Delay Integration Camera
logo
Sharp Corporation
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Mean Well Enterprises C...
VFD-350C-230 MEANWELL-VFD-350C-230 Datasheet
432Kb / 9P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-200C-230 MEANWELL-VFD-200C-230 Datasheet
429Kb / 9P
   200W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-750C-230 MEANWELL-VFD-750C-230 Datasheet
456Kb / 9P
   750W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-250P-230 MEANWELL-VFD-250P-230 Datasheet
509Kb / 8P
   250W General type Variable Frequency Drive with PFC function
2023-08-04
VFD-350P-230 MEANWELL-VFD-350P-230 Datasheet
1Mb / 8P
   350W General type Variable Frequency Drive with PFC function
2023-08-04
logo
AVAGO TECHNOLOGIES LIMI...
MGA-231T6 AVAGO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com