Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8711-20 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H8711-20
Description  4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8711-20 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H8711-20 Datasheet HTML 1Page - Hamamatsu Corporation H8711-20 Datasheet HTML 2Page - Hamamatsu Corporation H8711-20 Datasheet HTML 3Page - Hamamatsu Corporation H8711-20 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
× 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square
Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2010 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
MULTIANODE
PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 SERIES
PATENT
Figure 1: Typical Spectral Response
FEATURES
APPLICATIONS
TPMHB0739EB
GHigh Energy Physics
GFlow Cytometer (-01, -20 Type)
GDNA Sequencer (-01, -20 Type)
G4 × 4 Multianode, Anode Size: 4.2 mm × 4.2 mm / Anode
GEffective Area: 18.1 mm × 18.1 mm
GHigh Speed Response
GLow Cross-talk: 1 % Typ.
GHigh Cathode Sensitivity
Luminous 200
µA/lm Typ. (-01 Type)
Luminous 500
µA/lm Typ. (-20 Type)
GWeight: Approx. 50 g
WAVELENGTH (nm)
100
200
300
400
500
600 700
800 900 1000
0.01
0.1
1
10
100
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY
-20 TYPE
-01 TYPE
-04 TYPE
-14 TYPE
WAVELENGTH (nm)
100
200
300
400
500
600 700
800 900 1000
0.01
0.1
1
10
100
1000
R8711
R8711-10
R8711-03
R8711-13
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY
R871-100
R8711-200


Similar Part No. - H8711-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-20 HAMAMATSU-H8711-20 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-20 HAMAMATSU-H8711-20 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
H8711-200 HAMAMATSU-H8711-200 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
More results

Similar Description - H8711-20

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-03 HAMAMATSU-H8711-03_10 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
   For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
   For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com