Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8711-04 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # H8711-04
Description  4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode, 12-stage, Head-on Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8711-04 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  H8711-04 Datasheet HTML 1Page - Hamamatsu Corporation H8711-04 Datasheet HTML 2Page - Hamamatsu Corporation H8711-04 Datasheet HTML 3Page - Hamamatsu Corporation H8711-04 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MULTIANODE
PHOTOMULTIPLIER TUBE ASSEMBLIES H8711 SERIES
TPMH1320E01
NOV. 2010 IP
Figure 7: Dimensional Outline and Basing Diagram (Unit: mm)
Figure 8: Internal Circuit
Figure 9: Suitable Sockets (Unit: mm)
Supplied
TPMHA0497ED
* PATENT: USA: 5410211 and other(9), GBR: 551767 and other(9), DEU: 69209809 and other(9), FRA: 551767 and other(9), JPN: 3078905 and other(9)
WARNING ~ High Voltage ~
The product is operated at high voltage potential. Further, the metal housing of the product is connected to the photocathode
(potential) so that it becomes a high voltage potential when the product is operated at a negative high voltage (anode grounded).
Accordingly, extreme safety care must be taken for the electrical shock hazard to the operator or the damage to the other instruments.
Normal Divider Type
Tapered Divider Type
C1
C2
C3
DY1
F
K
DY2
R1
R2
DY3
R3
DY4
R4
DY5
R5
DY6
R6
DY7
R7
DY8
R8
DY9
R9
DY10
R10
DY11
R11
DY12
P16
ANODE16 OUTPUT
GND
DY12 OUTPUT
-HV INPUT
TERMINAL PINS (BBL-102, SAMTEC)
TERMINAL PINS (BBL-TYPE, SAMTEC)
TERMINAL PINS (BDL-108, SAMTEC)
TERMINAL PINS (BDL-108, SAMTEC)
GND
GND
P15
ANODE15 OUTPUT
GND
P9
ANODE9 OUTPUT
GND
P8
ANODE8 OUTPUT
GND
P2
ANODE2 OUTPUT
GND
P1
ANODE1 OUTPUT
GND
R12
R14
R15
R16
R17
R13
C4
R18
R1 to R3
R4 to R13
R14
R15 to R17
R18
C1 to C4
: 360 k
: 180 k
: 1 M
: 51
: 10 k
: 0.01
µF
R1 to R3, R13
R4 to R11
R12
R14
R15 to R17
R18
C1 to C4
: 360 k
: 150 k
: 180 k
: 1 M
: 51
: 10 k
: 0.01
µF
20.32
2.54 (TYP.)
1.32
0.51
1.83
2.54
5.08
7.62
2.54
SD-108-T-22
×2 pcs
(for Anode Output Pins)
SS-102-T-22
(for GND, DY12 Pin)
ASP-24307-02
(for GND, -HV Pin)
TACCA0263EA
TACCA0265EA
TACCA0266EA
4321
16
15
14
13
DIVIDER
ASSEMBLY
4-SCREWS
(M2)
POM CASE
PMT:
R7600-M16 SERIES
0.3
8.7
9.3
4.5
4.5
18.1
25.7
32
X
Y
4- 0.3
GUIDE MARKS
GUIDE
MARK
45.0
± 0.8
2.8
0.8 MAX.
DY
P1
P8
P9
P16
GND
GND
-HV
12.7
2.54
2.54
× 7=17.78
-HV INPUT
-HV TERMINAL PINS ( 0.46)
BBL-TYPE, SAMTEC
DY12 OUTPUT
GND
THROUGH HOLE
(NO CONNECTION)
DY12 OUTPUT
TERMINAL PINS ( 0.46)
BBL-102, SAMTEC
PIN CONNECTION
ANODE OUTPUTS (P1 to P8)
TERMINAL PINS ( 0.46)
BDL-108, SAMTEC
ANODE OUTPUTS (P9 to P16)
TERMINAL PINS ( 0.46)
BDL-108, SAMTEC
P1 P2 P3 P4 P5 P6 P7 P8
GND GND GND GND GND GND GND GND
P9 P10 P11 P12 P13 P14 P15 P16
GND GND GND GND GND GND GND GND
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DIVIDER CURRENT: 347
µA
at -1000 V (Max. INPUT VOLTAGE)
DIVIDER CURRENT: 355
µA
at -1000 V (Max. INPUT VOLTAGE)
HAMAMATSU PHOTONICS K.K.
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
www.hamamatsu.com


Similar Part No. - H8711-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-04 HAMAMATSU-H8711-04 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711-04 HAMAMATSU-H8711-04 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
More results

Similar Description - H8711-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8711-03 HAMAMATSU-H8711-03_10 Datasheet
220Kb / 4P
   4 횞 4 Multianode, High Speed Response, Low Cross-talk, 30 mm Square Bialkali and Multialkali Photocathode
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
   For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
   For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com