Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3809U-61 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R3809U-61
Description  MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-61 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R3809U-61 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCP-PMT R3809U-61/-63/-64
SPECIFICATIONS
Parameter
R3809U-61
R3809U-63
R3809U-64
Unit
Spectral Response
Peak Wavelength
Photocathode Material
Window Material
Effective Area of PMT
Stage of MCP B
Operating Ambient Temperature
Storage Temperature
370 to 920
750 to 850
GaAs
280 to 720
550 to 650
GaAsP
280 to 820
550 to 650
Extended Red GaAsP
Borosilicate Glass
10
2
-50 to +50
-50 to +50
nm
nm
mm
°C
°C
GENERAL
Parameter
R3809U-61
Typ.
R3809U-64
Unit
Cathode
Sensitivity
Luminous D
Radiant E
Quantum Efficiency E
Rise Time G
Fall Time H
IRF (FWHM) A
700
85
12
2
× 105
20 I
200
500
150
Max.
Min.
400
1
× 105
R3809U-63
Typ.
750
160
36
2
× 105
2
× 104
180
400
60
Max.
Min.
450
27
1
× 105
Typ.
700
180
40
2
× 105
1
× 104
180
400
60
Max.
Min.
400
30
1
× 105
µA/lm
µA/W
%
s-1
ps
ps
ps
CHARACTERISTICS (at -3000 V, +25
°C)
Parameter
R3809U-61
R3809U-63
R3809U-64
Unit
PMT Supply Voltage
Average PMT Anode Current
Pulsed Peak Current C
NOTE:
-3400
100
350
V
nA
mA
MAXIMUM RATING
GR3809U-61/-63/-64
A IRF stands for Instrument Response Function which is a convolution of the
δ pulse function (H(t)) of the measuring system and the excita-
tion function (E(t)) of a laser. The IRF is given by the following formula:
IRF = H(t)
× E(t)
We specify the IRF as an FWHM of the time distribution taken by using the measuring system in Figure 5 that is Hamamatsu standard IRF
measurement. It can be temporary estimated by the following equation:
(IRF (FWHM))2 = (TTS)2 + (Tw)2 + (Tj)2
where Tw is the pulse width of the laser used and Tj is the time jitter of all equipments used. An IRF data is provided with the tube pur-
chased as a standard.
Transit-time spread (TTS) is the fluctuation in transit time between individual pulse and specified as an FWHM (full width at half maximum)
with the incident light having a single photoelectron state.
B Two microchannel plates (MCP) are incorporated as a standard but we can provide it with either one or three MCPs as an option depend-
ing upon your request.
C This is specified under the operating conditions that the repetition rate of light input is 100 Hz or below and its pulse width is 70 picosec-
onds.
D The light source used to measure the luminous sensitivity is a tungsten filament lamp operated at a distribution temperature of 2856 K. The
incident light intensity is 10-4 lm and 100 V is applied between the photocathode and all other electrodes connected as an anode.
E Measured at the peak sensitivity wavelength.
F At 30 minutes after high voltage is applied with shutter closed
G This is the mean time difference between the 10 % and 90 % amplitude points on the output waveform for full cathode illumination.
H This is the mean time difference between the 90 % and 10 % amplitude points on the tailing edge of the output waveform for full cathode il-
lumination.
I At -30
°C
Gain
Anode Dark Count F
Time
Response


Similar Part No. - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
More results

Similar Description - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
   WIDE DYNAMIC RANGE MICROCHANNEL PLATES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com