Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41-00002 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 41-00002
Description  Female connector 7/8", 4pos
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

41-00002 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  41-00002 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4pos
Technical specification:
Rated voltage:
IEC 60664-1
Current rating:
IEC 60512-3
Insulation resistance:
IEC 60512-2
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
Wire cross section:
Contact termination:
4pos
250 V
9A at 40
°C
>=10 G
Ù
3/2
IP 67, in mated
condition
-40
°C ... +85°C
<=100
AWG16 / max. 1,5mm
²
Screw connection
dim. in mm
R
drawn
Inventor 10
THIS DRAWING MAY NOT BE COPIED OR
REPRODUCED IN ANY WAY, AND MAY NOT
BE PASSED ON TO A THIRD PARTY WITHOUT
WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance:
title:
dwg no:
part no:
name
date
41K1A326
Female connector 7/8", 4pos
field attachable, axial, with screw connection
Burschik
11.10.07
01.11.07
Schmidt
ISO 2768-m
Status: 05.05.08 Mkf
Materials:
Contact:
Contact plating:
Contact carrier:
Cable sealing:
Coupling nut:
Housing:
CuZn
Nickel, gold plated
TPU, UL 94
Elastomere
CuZn, nickel plated
PA6 GF, UL 94
Part no:
41-00002
SAL - 7/8 - RKC4 - S
Description:
Cable sealing:
For external diameter
6-8mm, 8-10mm, 10-12mm
Female connector
7/8" field attachable
26
n
n
25
Width across flats 22
Width across flats 22
1
3
2
4
External cable
diameter see table
14
n


Similar Part No. - 41-00002

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-00001 CONEC-41-00001 Datasheet
183Kb / 1P
   Female connector 7/8", 2posPE
41-00003 CONEC-41-00003 Datasheet
187Kb / 1P
   Female connector 7/8", 4posPE
41-00004 CONEC-41-00004 Datasheet
182Kb / 1P
   Male connector 7/8", 2posPE
41-00005 CONEC-41-00005 Datasheet
184Kb / 1P
   Male connector 7/8", 4pos
41-00006 CONEC-41-00006 Datasheet
184Kb / 1P
   Male connector 7/8", 4posPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com