Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69R818CZP6 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69R818CZP6
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R818CZP6 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69R818CZP6 Datasheet HTML 2Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 3Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 4Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 5Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 6Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 7Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 8Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 9Page - Motorola, Inc MCM69R818CZP6 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69R736C
•MCM69R818C
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, 0°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (See Notes 1 through 4)
Parameter
Symbol
Min
Max
–4
Max
–4.4
Max
–5
Max
–6
Max
Unit
Notes
Core Power Supply Voltage
VDD
3.15
3.6
V
Output Driver Supply Voltage
VDDQ
1.4
1.9
V
Active Power Supply Current
(Device Selected, All Outputs Open,
Freq = Max, VDD = Max, VDDQ = Max).
Includes Supply Currents for VDD.
IDD1
795
775
750
750
mA
5
Quiescent Active Power Supply Current
(Device Selected, All Outputs Open,
Freq = 0, VDD = Max, VDDQ = Max).
Includes supply currents for VDD.
IDD2
540
540
540
540
mA
6
Active Standby Power Supply Current
(Device Deselected, Freq = Max,
VDD = Max, VDDQ = Max)
ISB1
400
400
400
400
mA
7
CMOS Standby Supply Current
(Device Deselected, Freq = 0,
VDD = Max, VDDQ = Max, All Inputs
Static at CMOS Levels)
ISB2
390
390
390
390
mA
6, 7
Sleep Mode Current (ZZ = VIH,
Freq = Max, VDD = Max, VDDQ = Max)
IZZ
100
100
100
100
mA
6
Input Reference DC Voltage
Vref (dc)
0.6
1.1
V
8
NOTES:
1. All data sheet parameters specified to full range of VDD unless otherwise noted. All voltages are referenced to voltage applied to VSS
bumps.
2. Supply voltage applied to VDD connections.
3. Supply voltage applied to VDDQ connections.
4. All power supply currents measured with outputs open or deselected.
5. 50% read and 50% write; all addresses switching.
6. CMOS levels for I/Os are VIC ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
7. Device deselected as defined by the Truth Table.
8. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak–to–peak ac compo-
nent superimposed on Vref may not exceed 5% of the dc component of Vref.
DC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
DC Input Logic High
VIH (dc)
Vref + 0.1
VDD + 0.3
V
DC Input Logic Low
VIL (dc)
–0.3
Vref – 0.1
V
1
Input Leakage Current
Ilkg(I)
±5
µA
2
Clock Input Signal Voltage
Vin (dc)
–0.3
VDD + 0.3
V
Clock Input Differential Voltage (See Figure 3)
VDIF (dc)
0.2
VDD + 0.6
V
3
Clock Input Common Mode Voltage Range (See Figure 3)
VCM (dc)
0.6
1.1
V
4
NOTES:
1. Inputs may undershoot to –1.5 V (peak) for up to 35% tKHKH (e.g., 1.5 ns at a clock cycle time of 4.4 ns). See FIgure 2.
2. 0 V
≤ Vin ≤ VDD for all pins.
3. Minimum instantaneous differential input voltage required for differential input clock operation.
4. Maximum rejectable common mode input voltage variation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R818CZP6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
   Memory Products
MCM69R818AZP5 MOTOROLA-MCM69R818AZP5 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP5R MOTOROLA-MCM69R818AZP5R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6 MOTOROLA-MCM69R818AZP6 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R818AZP6R MOTOROLA-MCM69R818AZP6R Datasheet
224Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69R818CZP6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com