Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD7IC2050NR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MD7IC2050NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7IC2050NR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MD7IC2050NR1_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
RF Device Data
Freescale Semiconductor
MD7IC2050NR1 MD7IC2050GNR1 MD7IC2050NBR1
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
Quiescent Current
Temperature Compensation (1)
VDS1A
RFinA
VGS1A
RFout1/VDS2A
VGS2A
Quiescent Current
Temperature Compensation (1)
VDS1B
RFinB
VGS1B
RFout2/VDS2B
VGS2B
VDS1A
RFinA
NC
RFinB
RFout1/VDS2A
1
2
3
4
7
8
14
VGS1B
9
10
11
VGS2A
VGS1A
NC
NC
VGS2B
NC
VDS1B
RFout2/VDS2B
13
6
12
(Top View)
5
CARRIER (2)
PEAKING (2)
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes - AN1977 or AN1987.
2. Peaking and Carrier orientation is determined by the test fixture design.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
-65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (1,2)
TJ
225
°C
Input Power
Pin
28
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Final Doherty Application
Thermal Resistance, Junction to Case
Case Temperature 81
°C, Pout = 50 W CW
Stage 1A, 28 Vdc, IDQ1A = 30 mA
Stage 1B, 28 Vdc, IDQ1B = 30 mA
Stage 2A, 28 Vdc, IDQ2A = 230 mA
Stage 2B, 28 Vdc, VGS2B = 1.4 Vdc
Case Temperature 73
°C, Pout = 10 W CW
Stage 1A, 28 Vdc, IDQ1A = 30 mA
Stage 1B, 28 Vdc, IDQ1B = 30 mA
Stage 2A, 28 Vdc, IDQ2A = 230 mA
Stage 2B, 28 Vdc, VGS2B = 1.4 Vdc
RθJC
8.2
8.2
1.8
1.8
8.3
8.3
1.9
1.9
°C/W
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.


Similar Part No. - MD7IC2050NR1_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7IC2050NR1 FREESCALE-MD7IC2050NR1 Datasheet
595Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MD7IC2050NR1 NXP-MD7IC2050NR1 Datasheet
513Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 5/2010
More results

Similar Description - MD7IC2050NR1_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com