Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD7IC2050NR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MD7IC2050NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7IC2050NR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MD7IC2050NR1_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc MD7IC2050NR1_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
RF Device Data
Freescale Semiconductor
MD7IC2050NR1 MD7IC2050GNR1 MD7IC2050NBR1
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
Actual
Ideal
f = 2010 MHz
f = 2025 MHz
f = 2010 MHz
f = 2025 MHz
f = 2010 MHz
f = 2025 MHz
16
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ1A = 30 mA, IDQ2A = 230 mA
42
38
20
18
44
40
30
Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
46
48
50
52
14
12
10
08
26
4
36
34
32
f
(MHz)
P1dB
P3dB
Watts
dBm
Watts
dBm
2010
40
46
49
46.9
2025
38.9
45.9
47.9
46.8
Test Impedances per Compression Level
f
(MHz)
Zsource
Ω
Zload
Ω
2010
P1dB
73.6 + j31.1
6.8 - j13.7
2025
P1dB
68.9 + j26.7
8.3 - j14.3
Figure 14. CW Output Power versus Input Power @ 28 V
NOTE: Measurement made on the Class AB, carrier side of the device.


Similar Part No. - MD7IC2050NR1_10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7IC2050NR1 FREESCALE-MD7IC2050NR1 Datasheet
595Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MD7IC2050NR1 NXP-MD7IC2050NR1 Datasheet
513Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 5/2010
More results

Similar Description - MD7IC2050NR1_10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com