Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69R820CZP4R Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69R820CZP4R
Description  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R820CZP4R Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69R820CZP4R Datasheet HTML 3Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 4Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 5Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 6Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 7Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 8Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 9Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 10Page - Motorola, Inc MCM69R820CZP4R Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM69R738C
•MCM69R820C
7
MOTOROLA FAST SRAM
DC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
DC Input Logic High
VIH (dc)
1.7
VDD + 0.3
V
DC Input Logic Low
VIL (dc)
–0.3
0.7
V
1
Input Leakage Current
Ilkg(1)
±5
µA
2
Clock Input Leakage Current
Iclkg(1)
±8
µA
2
Clock Input Signal Voltage
Vin
–0.3
VDD + 0.3
V
Clock Input Differential Voltage
VDIF (dc)
0.2
VDD + 0.6
V
3
Clock Input Common Mode Voltage Range (See Figure 3)
VCM (dc)
1.1
2.1
V
4
NOTES:
1. Inputs may undershoot to –0.5 V (peak) for up to 20% tKHKH (e.g., 2 ns at a clock cycle time of 10 ns).
2. 0 V
≤ Vin ≤ VDD.
3. Minimum instantaneous differential input voltage required for differential input clock operation.
4. Maximum rejectable common mode input voltage variation.
DC OUTPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
Output Leakage Current
Ilkg(0)
–1
1
µA
Output Low Voltage
VOL
0.7
V
1
Output High Voltage
VOH
1.7
V
2
NOTES:
1. IOL ≥ – 8 mA.
2. IOH ≥ 8 mA.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, VDD = 3.3 V ± 5%, 0°C ≤ TA ≤ 70°C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF
CK, CK Capacitance
CCK
4
5
pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R820CZP4R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R820AZP5 MOTOROLA-MCM69R820AZP5 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP5R MOTOROLA-MCM69R820AZP5R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6 MOTOROLA-MCM69R820AZP6 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6R MOTOROLA-MCM69R820AZP6R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP7 MOTOROLA-MCM69R820AZP7 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results

Similar Description - MCM69R820CZP4R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com