Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69R736CZP5R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM69R736CZP5R
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R736CZP5R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM69R736CZP5R Datasheet HTML 5Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 6Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 7Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 8Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 9Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 10Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 11Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 12Page - Motorola, Inc MCM69R736CZP5R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MCM69R736C
•MCM69R818C
9
MOTOROLA FAST SRAM
AC INPUT CHARACTERISTICS (See Note 1)
Parameter
Symbol
Min
Max
Notes
AC Input Logic High (See Figure 4)
VIH (ac)
Vref + 200 mV
AC Input Logic Low (See Figures 2 and 4)
VIL (ac)
Vref – 200 mV
2
Input Reference Peak–to–Peak AC Voltage
Vref (ac)
5% Vref (dc)
3
Clock Input Differential Voltage
Vdif (ac)
400 mV
VDDQ + 600 mV
4
NOTES:
1. Inputs may overshoot to VDD + 1.5 V (peak) for up to 35% tKHKH (e.g., 1.5 ns at a clock cycle time of 4.4 ns). See Figure 2.
2. Inputs may undershoot to –0.5 V (peak) for up to 20% tKHKH (e.g., 2 ns at a clock cycle time of 10 ns). See Figure 2.
3. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak–to–peak ac compo-
nent superimposed on Vref may not exceed 5% of the dc component of Vref.
4. Minimum instantaneous differential input voltage required for differential input clock operation.
VIH
VSS
–1.0 V
–1.5 V
35% tKHKH
Figure 2. Undershoot Voltage
CROSSING POINT
VDDQ
VSS
VTR
VDIF
VCP
VCM*
Figure 3. Differential Inputs/Common Mode Input Voltage
*VCM, the Common Mode Input Voltage, equals VTR – [(VTR – VCP)/2].
VIH(ac)
Vref
VIL(ac)
VDDQ
VSS
Figure 4. AC Input Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R736CZP5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP5 MOTOROLA-MCM69R736AZP5 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP5R MOTOROLA-MCM69R736AZP5R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP6 MOTOROLA-MCM69R736AZP6 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP6R MOTOROLA-MCM69R736AZP6R Datasheet
224Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69R736CZP5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com