Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69R736CZP5 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM69R736CZP5
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R736CZP5 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM69R736CZP5 Datasheet HTML 1Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 2Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 3Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 4Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 5Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 6Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 7Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 8Page - Motorola, Inc MCM69R736CZP5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCM69R736C
•MCM69R818C
4
MOTOROLA FAST SRAM
MCM69R818C PIN DESCRIPTIONS
PBGA Pin Locations
Symbol
Type
Description
4K
CK
Input
Address, data in, and control input register clock. Active high.
4L
CK
Input
Address, data in, and control input register clock. Active low.
(a) 6D, 7E, 6F, 7G, 6H, 7K, 6L, 6N, 7P
(b) 1D, 2E, 2G, 1H, 2K, 1L, 2M, 1N, 2P
DQx
I/O
Synchronous Data I/O.
4F
G
Input
Output Enable: Asynchronous pin, active low.
2A, 3A, 5A, 6A, 3B, 5B, 2C, 3C, 5C, 6C,
4N, 4P, 2R, 6R, 2T, 3T, 5T, 6T
SA
Input
Synchronous Address Inputs: Registered on the rising clock edge.
5L, 3G
(a), (b)
SBx
Input
Synchronous Byte Write Enable: Enables writes to byte x in
conjunction with the SW input. Has no effect on read cycles, active
low.
4E
SS
Input
Synchronous Chip Enable: Registered on the rising clock edge, active
low.
4M
SW
Input
Synchronous Write: Registered on the rising clock edge, active low.
Writes all enabled bytes.
4U
TCK
Input
Test Clock (JTAG).
3U
TDI
Input
Test Data In (JTAG).
5U
TDO
Output
Test Data Out (JTAG).
2U
TMS
Input
Test Mode Select (JTAG).
4D
ZQ
Input
Programmable Output Impedance: Programming pin.
7T
ZZ
Input
Enables sleep mode, active high.
4C, 2J, 4J, 6J, 4R, 5R
VDD
Supply
Core Power Supply.
1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U
VDDQ
Supply
Output Power Supply: Provides operating power for output buffers.
3J, 5J
Vref
Supply
Input Reference: Provides reference voltage for input buffers.
3D, 5D, 3E, 5E, 3F, 5F, 5G, 3H, 5H, 3K,
5K, 3L, 3M, 5M, 3N, 5N, 3P, 5P, 3R
VSS
Supply
Ground.
4A, 1B, 2B, 4B, 6B, 7B, 1C, 7C, 2D, 7D,
1E, 6E, 2F, 1G, 4G, 6G, 2H, 4H, 7H, 1K,
6K, 2L, 7L, 6M, 2N, 7N, 1P, 6P, 1R, 7R,
1T, 4T, 6U
NC
No Connection: There is no connection to the chip.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R736CZP5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP5 MOTOROLA-MCM69R736AZP5 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP5R MOTOROLA-MCM69R736AZP5R Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP6 MOTOROLA-MCM69R736AZP6 Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736AZP6R MOTOROLA-MCM69R736AZP6R Datasheet
224Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69R736CZP5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com