Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63P919ZP166R Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM63P919ZP166R
Description  256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P919ZP166R Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM63P919ZP166R Datasheet HTML 7Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 8Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 9Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 10Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 11Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 12Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 13Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 14Page - Motorola, Inc MCM63P919ZP166R Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MCM63P837
•MCM63P919
11
MOTOROLA FAST SRAM
PACKAGE THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Notes
TQFP
Junction to Ambient (@ 200 lfm)
Single–Layer Board
Four–Layer Board
R
θJA
40
25
°C/W
1, 2
Junction to Board (Bottom)
R
θJB
17
°C/W
3
Junction to Case (Top)
R
θJC
9
°C/W
4
PBGA
Junction to Ambient (@ 200 lfm)
Single–Layer Board
Four–Layer Board
R
θJA
38
22
°C/W
1, 2
Junction to Board (Bottom)
R
θJB
14
°C/W
3
Junction to Case (Top)
R
θJC
5
°C/W
4
NOTES:
1. Junction temperature is a function of on–chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, board population, and board thermal resistance.
2. Per SEMI G38–87.
3. Indicates the average thermal resistance between the die and the printed circuit board.
4. Indicates the average thermal resistance between the die and the case top surface via the cold plate method (MIL SPEC–883 Method 1012.1).
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ±5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND DC CHARACTERISTICS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
2.5 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
2.375
2.5
2.9
V
Input Low Voltage
VIL
–0.3*
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3**
V
Input High Voltage I/O Pins
VIH2
1.7
VDDQ + 0.3**
V
Output Low Voltage (IOL = 2 mA)
VOL
0.7
V
Output High Voltage (IOH = –2 mA)
VOH
1.7
V
3.3 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
3.135
3.3
VDD
V
Input Low Voltage
VIL
–0.5*
0.8
V
Input High Voltage
VIH
2
VDD + 0.5**
V
Input High Voltage I/O Pins
VIH2
2
VDDQ + 0.5**
V
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = –4 mA)
VOH
2.4
V
* Undershoot: VIL ≤ –1.5 V for t < 20% tKHKH.
** Overshoot: VIH/VIH2 ≤ VDD/VDDQ + 1.0 V (not to exceed 4.6 V) for t < 20% tKHKH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63P919ZP166R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ4.5 MOTOROLA-MCM63P531TQ4.5 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ4.5R MOTOROLA-MCM63P531TQ4.5R Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ7 MOTOROLA-MCM63P531TQ7 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ7R MOTOROLA-MCM63P531TQ7R Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P919ZP166R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com