Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G11193 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # G11193
Description  Small package, surface mount type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G11193 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  G11193 Datasheet HTML 1Page - Hamamatsu Corporation G11193 Datasheet HTML 2Page - Hamamatsu Corporation G11193 Datasheet HTML 3Page - Hamamatsu Corporation G11193 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
InGaAs PIN photodiodes
G11193 series
3
Dark current vs. ambient temperature
KIRDB0448EA
Ambient temperature (°C)
10 nA
-40 -30 -20 -10
70
60
50
40
30
80 90 100
1 nA
10 pA
1 pA
100 pA
100 nA
(Typ. VR=5 V)
20
10
0
G11193-03R
G11193-02R


Similar Part No. - G11193

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
   InGaAs PIN photodiodes
More results

Similar Description - G11193

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8MA4 ROHM-QH8MA4 Datasheet
4Mb / 20P
   Small Surface Mount Package
QH8KA2 ROHM-QH8KA2 Datasheet
2Mb / 12P
   Small Surface Mount Package
RQ6E055BN ROHM-RQ6E055BN Datasheet
2Mb / 12P
   Small Surface Mount Package
QH8MA3 ROHM-QH8MA3 Datasheet
4Mb / 20P
   Small Surface Mount Package
RQ7E055AT ROHM-RQ7E055AT Datasheet
2Mb / 12P
   Small Surface Mount Package
SH8K41 ROHM-SH8K41 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
Diodes Incorporated
DMN33D8LT DIODES-DMN33D8LT Datasheet
256Kb / 5P
   Small Surface Mount Package
logo
Rohm
RQ6E030AT ROHM-RQ6E030AT Datasheet
2Mb / 12P
   Small Surface Mount Package
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
   Small Surface Mount Package
logo
ILSI America LLC
I616 ILSI-I616 Datasheet
49Kb / 2P
   Small Surface Mount Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com