Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9207-256W Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G9207-256W
Description  Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9207-256W Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G9207-256W Datasheet HTML 1Page - Hamamatsu Corporation G9207-256W Datasheet HTML 2Page - Hamamatsu Corporation G9207-256W Datasheet HTML 3Page - Hamamatsu Corporation G9207-256W Datasheet HTML 4Page - Hamamatsu Corporation G9207-256W Datasheet HTML 5Page - Hamamatsu Corporation G9207-256W Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
InGaAs linear image sensors
Near infrared image sensors (0.9 to 1.67 μm /
2.55 μm)
www.hamamatsu.com
G9211 to G9214 series
G9205 to G9208 series
1
The G9211 to G9214/G9205 to G9208 series InGaAs linear image sensors are specifically designed for near infrared multichannel
spectrophotometry. These linear image sensors consist of an InGaAs photodiode array, a charge amplifier array, an offset com-
pensation circuit, a shift register and a timing generator formed on a CMOS chip. The charge amplifier array is made up of CMOS
transistors connected to each pixel of the InGaAs photodiode array. Signals from each pixel are read out in charge integration
mode to achieve high sensitivity and stable operation in the near infrared spectral range. The package is hermetically sealed for
high reliability.
Signal processing circuits on the CMOS chip can be selected from two conversion efficiencies (CE) by external voltage. The image
sensor operates over a wide dynamic range when CE=16 nV/e- and delivers high gain when CE=320 nV/e-.
Simple operation (by built-in timing generator) *2
High resolution: 25 μm pitch (512 ch)
Low cross-talk
256 ch: 1 video line
512 ch: 2 video lines
Low noise and low dark current
Two selectable conversion efficiencies
Anti-saturation circuit
CDS circuit *1
Features
Applications
Related products
Near infrared multichannel spectrophotometry
InGaAs multichannel detector head C8061-01, C8062-01
Radiation thermometry
Multichannel detector head controller C7557
Non-destructive inspection
Offset compensation circuit
Wide dynamic range
*
1: A major source of noise in charge amplifiers is the reset noise generated when the integration capacitance is reset. A CDS (correlated
double sampling) circuit greatly reduces this reset noise by holding the signal immediately after reset to find the noise differential.
*
2: Different signal timings must be properly set in order to operate a shift register. In conventional image sensor operation, external PLDs
(programmable logic device) are used to input the required timing signals. However, the G9211 to G9214/G9205 to G9208 series image
sensors internally generate all timing signals on the CMOS chip just by supplying CLK and RESET pulses. This makes it simple to set the
timings.


Similar Part No. - G9207-256W

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9207-256W HAMAMATSU-G9207-256W Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9207-256W HAMAMATSU-G9207-256W Datasheet
132Kb / 4P
   InGaAs linear image sensor
More results

Similar Description - G9207-256W

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211_15 Datasheet
389Kb / 11P
   Near infrared image sensors (0.9 to 1.67 m / 2.55 m)
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
G9204-256D HAMAMATSU-G9204-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
G11620 HAMAMATSU-G11620_15 Datasheet
288Kb / 11P
   Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
G11135-256DD HAMAMATSU-G11135-256DD_15 Datasheet
290Kb / 10P
   Single video line (256/512 pixels) near infrared image sensor (0.95 to 1.7 m)
logo
OmniVision Technologies...
OV02K10 OMNIVISION-OV02K10 Datasheet
663Kb / 2P
   2.9 關m Image Sensor Enables High-Quality
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com