Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8866-64G-02 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S8866-64G-02
Description  Photodiode array combined with signal processing IC for X-ray detection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8866-64G-02 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S8866-64G-02 Datasheet HTML 1Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 2Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 3Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 4Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 5Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 6Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 7Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 8Page - Hamamatsu Corporation S8866-64G-02 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Photodiode arrays with ampli er
S8865-64G/-128G/-256G, S8866-64G-02/-128G-02
Output waveform of one element
Block diagram
4
Output offset
voltage
Vref=4.5 V Typ.
Saturation
output voltage
Vsat=3.5 V Typ.
GND
GND
GND
200 ns/div.
1 V/div.
10 V/div.
Trigger
CLK
Saturation
state
Dark state
1 V Typ.
1
4
RESET
EXTSP
Vms
Vdd
GND
CLK
Vref
Vgain
Vpd
2
10
11
12
5
6
7
Timing generator
Shift register
Hold circuit
Charge amp array
Photodiode array
3TRIG
8EOS
9Video
12345
N-1
N
KMPDC0153EA


Similar Part No. - S8866-64G-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8866-64 HAMAMATSU-S8866-64_11 Datasheet
375Kb / 10P
   Photodiode array combined with signal processing IC
More results

Similar Description - S8866-64G-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8865-64G HAMAMATSU-S8865-64G_15 Datasheet
679Kb / 15P
   Photodiode array combined with signal processing IC for X-ray detection
S8866-64 HAMAMATSU-S8866-64_11 Datasheet
375Kb / 10P
   Photodiode array combined with signal processing IC
S11865-64 HAMAMATSU-S11865-64_15 Datasheet
1Mb / 14P
   Photodiode arrays combined with signal processing IC
S8865-256 HAMAMATSU-S8865-256 Datasheet
92Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
logo
KODENSHI_AUK CORP.
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
PIC-1503 KODENSHI-PIC-1503 Datasheet
141Kb / 2P
   Photo IC(photodiode with signal processing)?
logo
Hamamatsu Corporation
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com