Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63F919TQ7R Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM63F919TQ7R
Description  256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F919TQ7R Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM63F919TQ7R Datasheet HTML 2Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 3Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 4Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 5Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 6Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 7Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 8Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 9Page - Motorola, Inc MCM63F919TQ7R Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCM63F837
•MCM63F919
6
MOTOROLA FAST SRAM
Not to Scale
71
72
NC
VDDQ
SA
69
70
66
67
68
64
65
61
62
63
3738
34 35 36
42 43
39 40 41
4546
44
60
59
58
57
56
55
54
53
52
51
31 32 33
74
75
76
77
78
79
80
50
49
48
47
NC
NC
VSS
DQa
NC
DQa
DQa
VSS
VDDQ
DQa
DQa
VDDQ
VSS
VSS
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
NC
VDD
NC
DQa
VSS
DQa
DQa
NC
DQa
VSS
VDDQ
NC
NC
VSS
VDDQ
NC
NC
DQb
VDD
VSS
VSS
VDDQ
DQb
DQb
DQb
DQb
NC
73
NC
94 93
97 9695
89 88
92 91 90
86 85
87
100 99 98
81
82
83
84
10
9
12
11
15
14
13
17
16
20
19
18
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
8
ZZ
NC
VDDQ
VSS
NC
NC
NC
100–PIN TQFP
TOP VIEW
MCM63F919 PIN ASSIGNMENTS
119–BUMP PBGA
TOP VIEW
6
5
4
3
2
17
B
C
VSS
G
A
D
E
F
H
J
VSS
VSS
VSS
VSS
SA
VSS
VSS
VSS
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
NC
NC
NC
SA
SA
TRST
ZZ
SW
NC
NC
VDDQ
VDDQ
NC
VDDQ
DQa
DQa
DQa
DQa
NC
VDD
TDO
NC
TDI
TMS
NC
TCK
NC
DQb
VSS
SA0
NC
LBO
NC
DQa
SA1
VSS
NC
DQb
VDDQ DQb VSS
NC
NC
DQa
SBa
VSS
NC
DQb
NC
DQb
VSS
KVSS
DQb
NC
VDD
NC
VDD
NC
VDD
VDDQ
NC
VSS SGW
DQa
DQa
NC
ADV
SBb
DQb
NC
VDDQ
NC
VSS
G
NC
SE1
VSS
DQb
NC
DQb
NC
VSS
NC
DQa
VDD
NC
NC
SE2
SA
ADSC
ADSP
K
L
M
N
P
R
T
U
VDDQ
VDDQ
SA
VDDQ
VDDQ
NC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F919TQ7R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10 MOTOROLA-MCM63F733ATQ10 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10R MOTOROLA-MCM63F733ATQ10R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11 MOTOROLA-MCM63F733ATQ11 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11R MOTOROLA-MCM63F733ATQ11R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F919TQ7R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com