Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52236AF50 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF52236AF50
Description  MCF52235 ColdFire Microcontroller Data Sheet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52236AF50 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF52236AF50 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52236AF50 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller Data Sheet, Rev. 9
Freescale Semiconductor
9
pipeline, optimized for 16
×16 bit operations, with support for one 32-bit accumulator. Supported operands include 16- and
32-bit signed and unsigned integers, signed fractional operands, and a complete set of instructions to process these data types.
The EMAC provides support for execution of DSP operations within the context of a single processor at a minimal hardware
cost.
1.2.3
Integrated Debug Module
The ColdFire processor core debug interface is provided to support system debugging in conjunction with low-cost debug and
emulator development tools. Through a standard debug interface, access debug information and real-time tracing capability is
provided on 112-and 121-lead packages. This allows the processor and system to be debugged at full speed without the need
for costly in-circuit emulators.
The on-chip breakpoint resources include a total of nine programmable 32-bit registers: an address and an address mask register,
a data and a data mask register, four PC registers, and one PC mask register. These registers can be accessed through the
dedicated debug serial communication channel or from the processor’s supervisor mode programming model. The breakpoint
registers can be configured to generate triggers by combining the address, data, and PC conditions in a variety of single- or
dual-level definitions. The trigger event can be programmed to generate a processor halt or initiate a debug interrupt exception.
The MCF52235 implements revision B+ of the ColdFire Debug Architecture.
The MCF52235’s interrupt servicing options during emulator mode allow real-time critical interrupt service routines to be
serviced while processing a debug interrupt event, thereby ensuring that the system continues to operate even during debugging.
To support program trace, the V2 debug module provides processor status (PST[3:0]) and debug data (DDATA[3:0]) ports.
These buses and the PSTCLK output provide execution status, captured operand data, and branch target addresses defining
processor activity at the CPU’s clock rate. The MCF52235 includes a new debug signal, ALLPST. This signal is the logical
AND of the processor status (PST[3:0]) signals and is useful for detecting when the processor is in a halted state (PST[3:0] =
1111).
The full debug/trace interface is available only on the 112 and 121-pin packages. However, every product features the dedicated
debug serial communication channel (DSI, DSO, DSCLK) and the ALLPST signal.
1.2.4
JTAG
The MCF52235 supports circuit board test strategies based on the Test Technology Committee of IEEE and the Joint Test Action
Group (JTAG). The test logic includes a test access port (TAP) consisting of a 16-state controller, an instruction register, and
three test registers (a 1-bit bypass register, a 256-bit boundary-scan register, and a 32-bit ID register). The boundary scan register
links the device’s pins into one shift register. Test logic, implemented using static logic design, is independent of the device
system logic.
The MCF52235 implementation can do the following:
Perform boundary-scan operations to test circuit board electrical continuity
Sample MCF52235 system pins during operation and transparently shift out the result in the boundary scan register
Bypass the MCF52235 for a given circuit board test by effectively reducing the boundary-scan register to a single bit
Disable the output drive to pins during circuit-board testing
Drive output pins to stable levels
1.2.5
On-Chip Memories
1.2.5.1
SRAM
The dual-ported SRAM module provides a general-purpose 16- or 32-Kbyte memory block that the ColdFire core can access
in a single cycle. The location of the memory block can be set to any 16- or 32-Kbyte boundary within the 4-Gbyte address
space. This memory is ideal for storing critical code or data structures and for use as the system stack. Because the SRAM


Similar Part No. - MCF52236AF50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52236AF50 NXP-MCF52236AF50 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
MCF52236AF50A NXP-MCF52236AF50A Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results

Similar Description - MCF52236AF50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com