Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52236CAF50 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF52236CAF50
Description  MCF52235 ColdFire Microcontroller Data Sheet
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52236CAF50 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF52236CAF50 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52236CAF50 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF52235DS
Rev. 9, 7/2010
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
MCF52235
LQFP-80
14mm x 14mm
LQFP-112
20mm_x_20mm
MAPBGA-121
12mm_x_12mm
The MCF52235 is a member of the ColdFire® family of
reduced instruction set computing (RISC) microcontrollers.
This document provides an overview of the MCF52235
microcontroller family, focusing on its highly integrated and
diverse feature set.
This 32-bit device is based on the Version 2 ColdFire core
operating at a frequency up to 60 MHz, offering high
performance and low power consumption. On-chip memories
connected tightly to the processor core include up to 256
Kbytes of Flash and 32 Kbytes of static random access
memory (SRAM). On-chip modules include:
• V2 ColdFire core providing 56 Dhrystone 2.1 MIPS @ 60
MHz executing out of on-chip Flash memory using
enhanced multiply accumulate (EMAC) and hardware
divider
• Enhanced Multiply Accumulate Unit (EMAC) and
hardware divide module
• Cryptographic Acceleration Unit (CAU) coprocessor
• Fast Ethernet Controller (FEC)
• On-chip Ethernet Transceiver (EPHY)
• FlexCAN controller area network (CAN) module
• Three universal asynchronous/synchronous
receiver/transmitters (UARTs)
• Inter-integrated circuit (I2C™) bus controller
• Queued serial peripheral interface (QSPI) module
• Eight-channel 10- or 12-bit fast analog-to-digital converter
(ADC)
• Four channel direct memory access (DMA) controller
• Four 32-bit input capture/output compare timers with
DMA support (DTIM)
• Four-channel general-purpose timer (GPT) capable of
input capture/output compare, pulse width modulation
(PWM) and pulse accumulation
• Eight/Four-channel 8/16-bit pulse width modulation timers
(two adjacent 8-bit PWMs can be concatenated to form a
single 16-bit timer)
• Two 16-bit periodic interrupt timers (PITs)
• Real-time clock (RTC) module
• Programmable software watchdog timer
• Two interrupt controllers providing every peripheral with a
unique selectable-priority interrupt vector plus seven
external interrupts with fixed levels/priorities
• Clock module with support for crystal or external oscillator
and integrated phase-locked loop (PLL)
• Test access/debug port (JTAG, BDM)
MCF52235 ColdFire
Microcontroller Data Sheet


Similar Part No. - MCF52236CAF50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52236CAF50 NXP-MCF52236CAF50 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
More results

Similar Description - MCF52236CAF50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com