Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63F837TQ8.5R Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM63F837TQ8.5R
Description  256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F837TQ8.5R Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM63F837TQ8.5R Datasheet HTML 7Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 8Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 9Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 10Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 11Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 12Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 13Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 14Page - Motorola, Inc MCM63F837TQ8.5R Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MCM63F837
•MCM63F919
11
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ±5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND DC CHARACTERISTICS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
2.5 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
2.375
2.5
2.9
V
Input Low Voltage
VIL
–0.3*
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3**
V
Input High Voltage I/O Pins
VIH2
1.7
VDDQ + 0.3**
V
Output Low Voltage (IOL = 2 mA)
VOL
0.7
V
Output High Voltage (IOH = –2 mA)
VOH
1.7
V
3.3 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
3.135
3.3
VDD
V
Input Low Voltage
VIL
–0.5*
0.8
V
Input High Voltage
VIH
2
VDD + 0.5**
V
Input High Voltage I/O Pins
VIH2
2
VDDQ + 0.5**
V
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = –4 mA)
VOH
2.4
V
* Undershoot: VIL ≤ – 1.5 V for t < 20% tKHKH.
** Overshoot: VIH/VIH2 ≤ VDD/VDDQ + 1.0 V (not to exceed 4.6 V) for t < 20% tKHKH.
SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
±1
µA
1
Output Leakage Current (0 V
≤ Vin ≤ VDDQ)
Ilkg(O)
±1
µA
AC Supply Current (Device Selected,
MCM63F837/919–7
All Outputs Open, Freq = Max)
MCM63F837/919–8
Includes VDD Only
MCM63F837/919–8.5
IDDA
TBD
mA
2, 3, 4
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at CMOS Levels)
ISB2
TBD
mA
5, 6
Sleep Mode Supply Current (Device Deselected, Freq = Max,
VDD = Max, All Other Inputs Static at CMOS Levels,
ZZ
≥ VDD – 0.2 V)
IZZ
TBD
mA
1, 5, 6
TTL Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at TTL Levels)
ISB3
TBD
mA
5, 7
Clock Running (Device Deselected,
MCM63F837/919–7
Freq = Max, VDD = Max, All Inputs
MCM63F837/919–8
Toggling at CMOS Levels)
MCM63F837/919–8.5
ISB4
TBD
mA
5, 6
Static Clock Running (Device
MCM63F837/919–7
Deselected, Freq = Max, VDD = Max,
MCM63F837/919–8
All Inputs Static at TTL Levels)
MCM63F837/919–8.5
ISB5
TBD
mA
5, 7
NOTES:
1. LBO and ZZ pins have an internal pull–up and pull–down, and will exhibit leakage currents of
±5 µA.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. All addresses transition simultaneously low (LSB) then high (MSB).
4. Data states are all zero.
5. Device is deselected as defined by the Truth Table.
6. CMOS levels for I/Os are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
7. TTL levels for I/Os are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F837TQ8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F819K MOTOROLA-MCM63F819K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11 MOTOROLA-MCM63F819KTQ11 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ11R MOTOROLA-MCM63F819KTQ11R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5 MOTOROLA-MCM63F819KTQ8.5 Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F819KTQ8.5R MOTOROLA-MCM63F819KTQ8.5R Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F837TQ8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com