Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM63D736TQ100 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCM63D736TQ100
Description  128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM63D736TQ100 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCM63D736TQ100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM63D736TQ100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MCM63D736
4
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
65, 63, 61, 59, 57, 55, 169, 167, 145,
143, 68, 70, 72, 74, 76, 78, 80
AX0 –
AX16
Input
Address Port X: Never allow floating addresses for inputs AX0 – AX16.
A pullup resistor is needed.
64, 62, 60, 58, 56, 54, 168, 166, 144,
142, 69, 71, 73, 75, 77, 79, 81
AY0 –
AY16
Input
Address Port Y: Never allow floating addresses for inputs AY0 – AY16.
A pullup resistor is needed.
82, 86, 90, 94, 96, 100, 102, 106, 108,
113. 115, 119, 121, 125, 127, 131, 135,
139, 170, 174, 2, 6, 8, 12, 14, 18, 20, 25,
27, 31, 33, 37, 39, 43, 47, 51
DQX0 –
DQX35
I/O
Data Input/Output Port X.
83, 87, 91, 95, 97, 101, 103, 107, 109,
112, 114, 118, 120, 124, 126, 130, 134,
138, 171, 175, 3, 7, 9, 13, 15, 19, 21, 24,
26, 30, 32, 36, 38, 42, 46, 50
DQY0 –
DQY35
I/O
Data Input/Output Port Y.
150
E1X
Input
Synchronous Chip Enable Port X: Active low.
151
E2X
Input
Synchronous Chip Enable Port X: Active high.
157
E1Y
Input
Synchronous Chip Enable Port Y: Active low.
158
E2Y
Input
Synchronous Chip Enable Port Y: Active high.
152
GX
Input
Asynchronous Output Enable Port X Input:
Low — enables output buffers (DQXx pins).
High — DQXx pins are high impedance.
153
GY
Input
Asynchronous Output Enable Port Y Input:
Low — enables output buffers (DQYx pins).
High — DQYx pins are high impedance.
156
K
Input
Clock: This signal registers the address, data in, and all control signals
except G.
146
PTX
Input
Pass–Through Port X.
147
PTY
Input
Pass–Through Port Y.
148
WX
Input
Synchronous Write Enable Port X.
149
WY
Input
Synchronous Write Enable Port Y.
4, 10, 16, 22, 28, 34, 40, 49, 67, 84,
92, 98, 104, 110, 116, 122, 128, 137,
155, 172
VDD
Supply 3.3 V Power Supply.
1, 5, 11, 17, 23, 29, 35, 41, 44, 45, 48,
52, 53, 66, 85, 88, 89, 93, 99, 105, 111,
117, 123, 129, 132, 133, 136, 140, 141,
154, 161, 165, 173, 176
VSS
Supply Ground.
159, 159, 160, 162, 163, 164
NC
No Connection: There is no connection to the chip.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63D736TQ100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323ATS10 MOTOROLA-MCM6323ATS10 Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323ATS10R MOTOROLA-MCM6323ATS10R Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323ATS12 MOTOROLA-MCM6323ATS12 Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323ATS12R MOTOROLA-MCM6323ATS12R Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - MCM63D736TQ100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1300A CYPRESS-CY7C1300A Datasheet
147Kb / 12P
   128K X 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM67D709 MOTOROLA-MCM67D709 Datasheet
175Kb / 12P
   128K x 9 Bit Synchronous Dual I/O Fast Static RAM
logo
Cypress Semiconductor
CY7C1347D CYPRESS-CY7C1347D Datasheet
389Kb / 21P
   128K x 36 Synchronous-Pipelined Cache SRAM
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Motorola, Inc
MCM69Q618 MOTOROLA-MCM69Q618 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com